Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

H8S/2437 Datasheet(PDF) 522 Page - Renesas Technology Corp

No. de pieza H8S/2437
Descripción Electrónicos  16-Bit Single-Chip Microcomputer
PDF  746 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2437 Datasheet(HTML) 522 Page - Renesas Technology Corp

Back Button H8S/2437 Datasheet HTML 518Page - Renesas Technology Corp H8S/2437 Datasheet HTML 519Page - Renesas Technology Corp H8S/2437 Datasheet HTML 520Page - Renesas Technology Corp H8S/2437 Datasheet HTML 521Page - Renesas Technology Corp H8S/2437 Datasheet HTML 522Page - Renesas Technology Corp H8S/2437 Datasheet HTML 523Page - Renesas Technology Corp H8S/2437 Datasheet HTML 524Page - Renesas Technology Corp H8S/2437 Datasheet HTML 525Page - Renesas Technology Corp H8S/2437 Datasheet HTML 526Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 522 / 746 page
background image
Rev. 1.00, 09/03, page 484 of 704
Bit Bit Name
Initial Value R/W
Description
5
RIE
0
R/W
Receive Interrupt Enable
Enables or disables the receive data full interrupt request
(RXI) when receive data is transferred from ICDRS to
ICDRR and the RDRF bit in ICSR is set to 1. The RXI can
be canceled by clearing the RDRF or RIE bit to 0.
0: Receive data full interrupt request (RXI) is disabled.
1: Receive data full interrupt request (RXI) is enabled.
4
NAKIE
0
R/W
NACK Receive Interrupt Enable
Enables or disables the NACK receive interrupt request
(NAKI) when the NACKF and AL bits in ICSR are set to 1.
The NAKI can be canceled by clearing the NACKF, AL, or
NAKIE bit to 0.
0: NACK receive interrupt request (NAKI) is disabled.
1: NACK receive interrupt request (NAKI) is enabled.
3
STIE
0
R/W
Stop Condition Detection Interrupt Enable
0: Stop condition detection interrupt request (STPI) is
disabled.
1: Stop condition detection interrupt request (STPI) is
enabled.
2
ACKE
0
R/W
Acknowledge Bit Determination Select
0: The value of the acknowledge bit is ignored, and
continuous transfer is performed.
1: If the acknowledge bit is 1, continuous transfer is
interrupted.
1
ACKBR
0
R
Receive Acknowledge
In transmit mode, this bit stores the contents of the
acknowledge bit that is returned by the receive device. This
bit cannot be modified.
0: Receive acknowledge = 0
1: Receive acknowledge = 1
0
ACKBT
0
R/W
Transmit Acknowledge
In receive mode, this bit specifies the bit to be sent at the
acknowledge timing.
0: 0 is sent at the acknowledge timing.
1: 1 is sent at the acknowledge timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com