Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 37 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 37 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 33Page - Texas Instruments AM1707ZKB4 Datasheet HTML 34Page - Texas Instruments AM1707ZKB4 Datasheet HTML 35Page - Texas Instruments AM1707ZKB4 Datasheet HTML 36Page - Texas Instruments AM1707ZKB4 Datasheet HTML 37Page - Texas Instruments AM1707ZKB4 Datasheet HTML 38Page - Texas Instruments AM1707ZKB4 Datasheet HTML 39Page - Texas Instruments AM1707ZKB4 Datasheet HTML 40Page - Texas Instruments AM1707ZKB4 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 155 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
6.3
Power Supplies
6.3.1
Power-on Sequence
The device should be powered-on in the following order:
•
2a) CVDD core logic supply
•
2b) Other 1.2V logic supplies (RVDD, PLL0_VDDA). Groups 2a) and 2b) may be powered up together
or 2a) first followed by 2b).
•
3) All 1.8V IO supplies (USB0_VDDA18).
•
4) All digital IO and analog 3.3V PHY supplies (DVDD, USB0_VDDA33). USB0_VDDA33 is not
required if USB0 is not used and may be left unconnected.
There is no specific required voltage ramp rate for any of the supplies.
RESET must be maintained active until all power supplies have reached their nominal values.
Note: Future devices may support higher performance at a higher core logic voltage (CVDD). If future
migration is desired, the current design should provide separate supplies for 2a) and 2b). If not, then 2a)
and 2b) may be provided by a single supply.
6.3.2
Power-off Sequence
The power supplies can be powered-off in any order as long as the 3.3V supplies do not remain powered
with the other supplies unpowered.
6.4
Unused USB0 (USB2.0) Pin Configurations
Table 6-1. Unused USB0 Pin Configurations
SIGNAL NAME
Configuration
(When USB0 is not used)
USB0_DM
No connect
USB0_DP
No connect
USB0_VDDA33
No connect
USB0_VDDA18
No connect
USB0_VBUS
No connect
USB0_VDDA12
No connect
AHCLKX0/AHCLKX2/USB_REFCLKIN/
No connect or use as alternate function
GP2[11]
6.5
Reset
6.5.1
Power-On Reset (POR)
A power-on reset (POR) is required to place the device in a known good state after power-up. Power-On
Reset is initiated by bringing RESET and TRST low at the same time. POR sets all of the device internal
logic to its default state. All pins are 3-stated .
While both TRST and RESET need to be asserted upon power up, only RESET needs to be released for
the device to boot properly. TRST may be asserted indefinitely for normal operation, keeping the JTAG
port interface and device's emulation logic in the reset state.
TRST only needs to be released when it is necessary to use a JTAG controller to debug the device or
exercise the device's boundary scan functionality. Note: TRST is synchronous and must be clocked by
TCK; otherwise, the boundary scan logic may not respond as expected after TRST is asserted.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
37
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com