Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 45 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 41Page - Texas Instruments AM1707ZKB4 Datasheet HTML 42Page - Texas Instruments AM1707ZKB4 Datasheet HTML 43Page - Texas Instruments AM1707ZKB4 Datasheet HTML 44Page - Texas Instruments AM1707ZKB4 Datasheet HTML 45Page - Texas Instruments AM1707ZKB4 Datasheet HTML 46Page - Texas Instruments AM1707ZKB4 Datasheet HTML 47Page - Texas Instruments AM1707ZKB4 Datasheet HTML 48Page - Texas Instruments AM1707ZKB4 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 155 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
6.7.2
Device Clock Generation
PLL0 is controlled by PLL Controller 0. The PLLC0 manages the clock ratios, alignment, and gating for the
system clocks to the chip. The PLLC is responsible for controlling all modes of the PLL through software,
in terms of pre-division of the clock inputs, multiply factor within the PLL, and post-division for each of the
chip-level clocks from the PLL output. The PLLC also controls reset propagation through the chip, clock
alignment, and test points.
6.7.3
PLL Controller 0 Registers
Table 6-6. PLL Controller 0 Registers
BYTE
ACRONYM
REGISTER DESCRIPTION
ADDRESS
0x01C1 1000
REVID
Revision Identification Register
0x01C1 10E4
RSTYPE
Reset Type Status Register
0x01C1 1100
PLLCTL
PLL Control Register
0x01C1 1104
-
Reserved
0x01C1 1110
PLLM
PLL Multiplier Control Register
0x01C1 1114
PREDIV
PLL Pre-Divider Control Register
0x01C1 1118
PLLDIV1
PLL Controller Divider 1 Register
0x01C1 111C
PLLDIV2
PLL Controller Divider 2 Register
0x01C1 1120
PLLDIV3
PLL Controller Divider 3 Register
0x01C1 1124
-
Reserved
0x01C1 1128
POSTDIV
PLL Post-Divider Control Register
0x01C1 1138
PLLCMD
PLL Controller Command Register
0x01C1 113C
PLLSTAT
PLL Controller Status Register
0x01C1 1140
ALNCTL
PLL Controller Clock Align Control Register
0x01C1 1144
DCHANGE
PLLDIV Ratio Change Status Register
0x01C1 1148
CKEN
Clock Enable Control Register
0x01C1 114C
CKSTAT
Clock Status Register
0x01C1 1150
SYSTAT
SYSCLK Status Register
0x01C1 1160
PLLDIV4
PLL Controller Divider 4 Register
0x01C1 1164
PLLDIV5
PLL Controller Divider 5 Register
0x01C1 1168
PLLDIV6
PLL Controller Divider 6 Register
0x01C1 116C
PLLDIV7
PLL Controller Divider 7 Register
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
45
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com