Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 28 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 24Page - Texas Instruments AM1707ZKB4 Datasheet HTML 25Page - Texas Instruments AM1707ZKB4 Datasheet HTML 26Page - Texas Instruments AM1707ZKB4 Datasheet HTML 27Page - Texas Instruments AM1707ZKB4 Datasheet HTML 28Page - Texas Instruments AM1707ZKB4 Datasheet HTML 29Page - Texas Instruments AM1707ZKB4 Datasheet HTML 30Page - Texas Instruments AM1707ZKB4 Datasheet HTML 31Page - Texas Instruments AM1707ZKB4 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 155 page
background image
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
3.6.19 Supply and Ground
Table 3-21. Supply and Ground Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
DESCRIPTION
PTP
10, 20, 28, 38,
50, 56, 61, 69,
CVDD (Core supply)
77, 93, 104,
PWR
1.2-V core supply voltage pins
114, 147, 154,
161, 167
RVDD (Internal RAM supply)
67, 159
PWR
1.2V internal ram supply voltage pins
5, 15, 24, 33,
43, 47, 53, 58,
65, 71, 75, 81,
DVDD (I/O supply)
87, 90, 99,
PWR
3.3-V I/O supply voltage pins.
109, 119, 128,
151, 158, 164,
172
VSS (Ground)
177
GND
Ground pins.
(1)
PWR = Supply voltage, GND - Ground.
28
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com