Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 17 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 13Page - Texas Instruments AM1707ZKB4 Datasheet HTML 14Page - Texas Instruments AM1707ZKB4 Datasheet HTML 15Page - Texas Instruments AM1707ZKB4 Datasheet HTML 16Page - Texas Instruments AM1707ZKB4 Datasheet HTML 17Page - Texas Instruments AM1707ZKB4 Datasheet HTML 18Page - Texas Instruments AM1707ZKB4 Datasheet HTML 19Page - Texas Instruments AM1707ZKB4 Datasheet HTML 20Page - Texas Instruments AM1707ZKB4 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 155 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
3.6.3
External Memory Interface A (ASYNC)
Table 3-5. External Memory Interface A (EMIFA) Terminal Functions
PIN
NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
MMC/SD, GPIO,
EMA_D[7]/MMCSD_DAT[7]/GP0[7]/BOOT[13]
54
I/O
IPU
BOOT
EMA_D[6]/MMCSD_DAT[6]/GP0[6]
52
I/O
IPU
EMA_D[5]/MMCSD_DAT[5]/GP0[5]
51
I/O
IPU
EMA_D[4]/MMCSD_DAT[4]/GP0[4]
49
I/O
IPU
MMC/SD, GPIO
EMIFA data bus
EMA_D[3]/MMCSD_DAT[3]/GP0[3]
48
I/O
IPU
EMA_D[2]/MMCSD_DAT[2]/GP0[2]
46
I/O
IPU
EMA_D[1]/MMCSD_DAT[1]/GP0[1]
45
I/O
IPU
MMC/SD, GPIO,
EMA_D[0]/MMCSD_DAT[0]/GP0[0]/BOOT[12]
44
I/O
IPU
BOOT
EMA_A[12]/GP1[12]
42
O
IPU
EMA_A[11]/ GP1[11]
41
O
IPU
EMA_A[10]/GP1[10]
27
O
IPU
EMA_A[9]/GP1[9]
40
O
IPU
EMA_A[8]/GP1[8]
39
O
IPU
GPIO
EMIFA address bus
EMA_A[7]/GP1[7]
37
O
IPD
EMA_A[6]/GP1[6]
36
O
IPD
EMA_A[5]/GP1[5]
35
O
IPD
EMA_A[4]/GP1[4]
34
O
IPD
EMA_A[3]/GP1[3]
32
O
IPD
EMA_A[2]/MMCSD_CMD/GP1[2]
31
O
IPU
MMCSD, GPIO
EMA_A[1]/MMCSD_CLK/GP1[1]
30
O
IPU
EMIFA address bus.
EMA_A[0]/GP1[0]
29
O
IPD
GPIO
EMA_BA[1]/GP1[13]
26
O
IPU
EMIFA bank address
EMA_BA[0]/GP1[14]
25
O
IPU
GPIO
EMA_CS[3] /GP2[6]
21
O
IPU
GPIO
EMIFA Async Chip
Select
EMA_CS[2]/GP2[5]/BOOT[15]
23
O
IPU
GPIO, BOOT
EMA_OE /AXR0[13]/GP2[7]
22
O
IPU
McASP0, GPIO
EMIFA output enable.
EMIFA wait
EMA_WAIT[0]/ GP2[10]
19
I
IPU
GPIO
input/interrupt.
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
Copyright © 2010, Texas Instruments Incorporated
Device Overview
17
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com