| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AM1707ZKB4 Datasheet(PDF) 18 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM1707ZKB4 Datasheet(HTML) 18 Page - Texas Instruments |
|
18 / 155 page ![]() AM1705 SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010 www.ti.com 3.6.4 External Memory Interface B (only SDRAM ) Table 3-6. External Memory Interface B (EMIFB) Terminal Functions PIN NO SIGNAL NAME TYPE(1) PULL(2) MUXED DESCRIPTION PTP EMB_D[15]/GP6[15] 74 I/O IPD EMB_D[14]/GP6[14] 76 I/O IPD EMB_D[13]/GP6[13] 78 I/O IPD EMB_D[12]/GP6[12] 79 I/O IPD EMB_D[11]/GP6[11] 80 I/O IPD EMB_D[10]/GP6[10] 82 I/O IPD EMB_D[9]/GP6[9] 83 I/O IPD EMB_D[8]/GP6[8] 84 I/O IPD GPIO EMIFB SDRAM data bus. EMB_D[7]/GP6[7] 62 I/O IPD EMB_D[6]/GP6[6] 63 I/O IPD EMB_D[5]/GP6[5] 64 I/O IPD EMB_D[4]/GP6[4] 66 I/O IPD EMB_D[3]/GP6[3] 68 I/O IPD EMB_D[2]/GP6[2] 70 I/O IPD EMB_D[1]/GP6[1] 72 I/O IPD EMB_D[0]/GP6[0] 73 I/O IPD EMB_A[12]/GP3[13] 89 O IPD EMB_A[11]/GP7[13] 91 O IPD EMB_A[10]/GP7[12] 105 O IPD EMB_A[9]/GP7[11] 92 O IPD EMIFB SDRAM row/column GPIO address bus. EMB_A[8]/GP7[10] 94 O IPD EMB_A[7]/GP7[9] 95 O IPD EMB_A[6]/GP7[8] 96 O IPD EMB_A[5]/GP7[7] 97 O IPD EMB_A[4]/GP7[6] 98 O IPD EMB_A[3]/GP7[5] 100 O IPD EMIFB SDRAM row/column EMB_A[2]/GP7[4] 101 O IPD address. EMB_A[1]/GP7[3] 102 O IPD GPIO EMB_A[0]/GP7[2] 103 O IPD EMB_BA[1]/GP7[0] 106 O IPU EMIFB SDRAM bank address. EMB_BA[0]/GP7[1] 107 O IPU EMB_CLK 86 O IPU EMIF SDRAM clock. EMB_SDCKE 88 I/O IPU EMIFB SDRAM clock enable. EMB_WE 59 O IPU EMIFB write enable EMIFB SDRAM row address EMB_RAS 110 O IPU strobe. EMB_CAS 57 O IPU EMIFB column address strobe. EMB_CS[0] 108 O IPU EMIFB SDRAM chip select 0. EMIFB write enable/data mask EMB_WE_DQM[1] /GP5[14] 85 O IPU for EMB_D. GPIO EMB_WE_DQM[0] /GP5[15] 60 O IPU (1) I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal. Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different types (ie., input versus output), the table reflects the pin function direction for that particular peripheral. (2) IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor 18 Device Overview Copyright © 2010, Texas Instruments Incorporated Submit Documentation Feedback Product Folder Link(s): AM1705 |