Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 26 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 26 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 22Page - Texas Instruments AM1707ZKB4 Datasheet HTML 23Page - Texas Instruments AM1707ZKB4 Datasheet HTML 24Page - Texas Instruments AM1707ZKB4 Datasheet HTML 25Page - Texas Instruments AM1707ZKB4 Datasheet HTML 26Page - Texas Instruments AM1707ZKB4 Datasheet HTML 27Page - Texas Instruments AM1707ZKB4 Datasheet HTML 28Page - Texas Instruments AM1707ZKB4 Datasheet HTML 29Page - Texas Instruments AM1707ZKB4 Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 155 page
background image
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
3.6.15 Ethernet Media Access Controller (EMAC)
Table 3-17. Ethernet Media Access Controller (EMAC) Terminal Functions
PIN NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
RMII
EMAC 50-MHz
AHCLKR0/RMII_MHZ_50_CLK/GP2[14]/BOOT[11]
129
I/O
IPD
McASP0, GPIO, BOOT
clock input or
output.
EMAC RMII
AXR0[6]/RMII_RXER/GP3[6]
118
I
IPD
receiver error.
AXR0[5]/RMII_RXD[1]/GP3[5]
117
I
IPD
EMAC RMII
receive data.
AXR0[4]/RMII_RXD[0]/GP3[4]
116
I
IPD
EMAC RMII carrier
AXR0[3]/RMII_CRS_DV/GP3[3]
115
I
IPD
McASP0, GPIO
sense data valid.
EMAC RMII
AXR0[2]/RMII_TXEN/GP3[2]
113
O
IPD
transmit enable.
AXR0[1]/RMII_TXD[1]/GP3[1]
112
O
IPD
EMAC RMII trasmit
data.
AXR0[0]/RMII_TXD[0]/GP3[0]
111
O
IPD
MDIO
AXR0[8]/MDIO_D/GP3[8]
121
I/O
IPU
McASP0, GPIO
MDIO data clock.
AXR0[7]/MDIO_CLK/GP3[7]
120
O
IPD
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
3.6.16 Multimedia Card/Secure Digital (MMC/SD)
Table 3-18. Multimedia Card/Secure Digital (MMC/SD) Terminal Functions
PIN
NO
SIGNAL NAME
TYPE(1)
PULL(2)
MUXED
DESCRIPTION
PTP
EMA_A[1]/MMCSD_CLK/GP1[1]
30
O
IPU
MMCSD_CLK.
EMIFA, GPIO
EMA_A[2]/MMCSD_CMD/GP1[2]
31
I/O
IPU
MMCSD_CMD.
EMA_D[7]/MMCSD_DAT[7]/GP0[7]/BOOT[13]
54
I/O
IPU
EMIFA, GPIO, BOOT
EMA_D[6]/MMCSD_DAT[6]/GP0[6]
52
I/O
IPU
EMA_D[5]/MMCSD_DAT[5]/GP0[5]
51
I/O
IPU
EMA_D[4]/MMCSD_DAT[4]/GP0[4]
49
I/O
IPU
EMIFA, GPIO
MMC/SD data.
EMA_D[3]/MMCSD_DAT[3]/GP0[3]
48
I/O
IPU
EMA_D[2]/MMCSD_DAT[2]/GP0[2]
46
I/O
IPU
EMA_D[1]/MMCSD_DAT[1]/GP0[1]
45
I/O
IPU
EMA_D[0]/MMCSD_DAT[0]/GP0[0]/BOOT[12]
44
I/O
IPU
EMIFA, GPIO, BOOT
(1)
I = Input, O = Output, I/O = Bidirectional, Z = High impedance, PWR = Supply voltage, GND = Ground, A = Analog signal.
Note: The pin type shown refers to the input, output or high-impedance state of the pin function when configured as the the signal name
highlighted in bold. All multiplexed signals may enter a high-impedance state when the configured function is input-only or the configured
function supports high-Z operation. All GPIO signals can be used as input or output. For multiplexed pins where functions have different
types (ie., input versus output), the table reflects the pin function direction for that particular peripheral.
(2)
IPD = Internal Pulldown resistor, IPU = Internal Pullup resistor
26
Device Overview
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com