Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 91 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 91 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 87Page - Texas Instruments AM1707ZKB4 Datasheet HTML 88Page - Texas Instruments AM1707ZKB4 Datasheet HTML 89Page - Texas Instruments AM1707ZKB4 Datasheet HTML 90Page - Texas Instruments AM1707ZKB4 Datasheet HTML 91Page - Texas Instruments AM1707ZKB4 Datasheet HTML 92Page - Texas Instruments AM1707ZKB4 Datasheet HTML 93Page - Texas Instruments AM1707ZKB4 Datasheet HTML 94Page - Texas Instruments AM1707ZKB4 Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 155 page
background image
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
6.17.2.2 Multichannel Audio Serial Port 1 (McASP1) Timing
Table 6-46 and Table 6-47 assume testing over recommended operating conditions (see and ).
Table 6-46. McASP1 Timing Requirements(1) (2)
No.
PARAMETER
MIN
MAX
UNIT
Cycle time, AHCLKR1 external, AHCLKR1 input
20
1
tc(AHCLKRX)
ns
Cycle time, AHCLKX1 external, AHCLKX1 input
20
Pulse duration, AHCLKR1 external, AHCLKR1 input
10
2
tw(AHCLKRX)
ns
Pulse duration, AHCLKX1 external, AHCLKX1 input
10
Cycle time, ACLKR1 external, ACLKR1 input
greater of 2P or 20
3
tc(ACLKRX)
ns
Cycle time, ACLKX1 external, ACLKX1 input
greater of 2P or 20
Pulse duration, ACLKR1 external, ACLKR1 input
10
4
tw(ACLKRX)
ns
Pulse duration, ACLKX1 external, ACLKX1 input
10
Setup time, AFSR1 input to ACLKR1 internal(3)
10.4
Setup time, AFSX1 input to ACLKX1 internal
10.4
Setup time, AFSR1 input to ACLKR1 external input(3)
2.6
5
tsu(AFSRX-ACLKRX)
ns
Setup time, AFSX1 input to ACLKX1 external input
2.6
Setup time, AFSR1 input to ACLKR1 external output(3)
2.6
Setup time, AFSX1 input to ACLKX1 external output
2.6
Hold time, AFSR1 input after ACLKR1 internal(3)
-2.4
Hold time, AFSX1 input after ACLKX1 internal
-2.4
Hold time, AFSR1 input after ACLKR1 external input(3)
0.85
6
th(ACLKRX-AFSRX)
ns
Hold time, AFSX1 input after ACLKX1 external input
0.8
Hold time, AFSR1 input after ACLKR1 external output(3)
0.3
Hold time, AFSX1 input after ACLKX1 external output
0.3
Setup time, AXR1[n] input to ACLKR1 internal(3)
10.4
Setup time, AXR1[n] input to ACLKX1 internal(4)
10.4
Setup time, AXR1[n] input to ACLKR1 external input(3)
2.6
7
tsu(AXR-ACLKRX)
ns
Setup time, AXR1[n] input to ACLKX1 external input(4)
2.6
Setup time, AXR1[n] input to ACLKR1 external output(3)
2.6
Setup time, AXR1[n] input to ACLKX1 external output(4)
2.6
Hold time, AXR1[n] input after ACLKR1 internal(3)
-2.4
Hold time, AXR1[n] input after ACLKX1 internal(4)
-2.4
Hold time, AXR1[n] input after ACLKR1 external input(3)
0.65
8
th(ACLKRX-AXR)
ns
Hold time, AXR1[n] input after ACLKX1 external input(4)
0.4
Hold time, AXR1[n] input after ACLKR1 external output(3)
0.4
Hold time, AXR1[n] input after ACLKX1 external output(4)
0.4
(1)
ACLKX1 internal – McASP1 ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX1 external input – McASP1 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX1 external output – McASP1 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
ACLKR1 internal – McASP1 ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1
ACLKR1 external input – McASP1 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR1 external output – McASP1 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
(2)
P = SYSCLK2 period
(3)
McASP1 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR1
(4)
McASP1 ACLKXCTL.ASYNC=0: Receiver is clocked by transmitter's ACLKX1
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
91
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com