Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 44 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 44 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 40Page - Texas Instruments AM1707ZKB4 Datasheet HTML 41Page - Texas Instruments AM1707ZKB4 Datasheet HTML 42Page - Texas Instruments AM1707ZKB4 Datasheet HTML 43Page - Texas Instruments AM1707ZKB4 Datasheet HTML 44Page - Texas Instruments AM1707ZKB4 Datasheet HTML 45Page - Texas Instruments AM1707ZKB4 Datasheet HTML 46Page - Texas Instruments AM1707ZKB4 Datasheet HTML 47Page - Texas Instruments AM1707ZKB4 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 155 page
background image
PLLDIV1 (/1)
SYSCLK1
PLLDIV2 (/2)
SYSCLK2
PLLDIV3 (/3)
SYSCLK3
PLLDIV4 (/4)
SYSCLK4
PLLDIV5 (/3)
SYSCLK5
PLLDIV7 (/6)
SYSCLK7
DIV4.5
1
0
EMIFA
Internal
Clock
Source
CFGCHIP3[EMA_CLKSRC]
DIV4.5
EMIFB
Internal
Clock
Source
CFGCHIP3[EMB_CLKSRC]
1
0
Pre-Div
PLLM
PLLEN
AUXCLK
0
1
PLL
Post-Div
CLKMODE
1
0
Square
Wave
Crystal
OSCIN
2000 N
Max PLL Lock Time =
m
where N = Pre-Divider Ratio
M = PLL Multiplier
AM1705
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
www.ti.com
Figure 6-9. PLL Topology
Table 6-5. Allowed PLL Operating Conditions
Default
No.
PARAMETER
MIN
MAX
UNIT
Value
PLLRST: Assertion time during
1
N/A
1000
N/A
ns
initialization
Lock time: The time that the application
has to wait for the PLL to acquire locks
OSCIN
2
N/A
N/A
before setting PLLEN, after changing
cycles
PREDIV, PLLM, or OSCIN
(1)
3
PREDIV
/1
/1
/32
ns
PLL input frequency
4
12
50
MHz
( PLLREF)
5
PLL multiplier values (PLLM) (1)
x20
x4
x32
6
PLL output frequency. ( PLLOUT )
N/A
400
600(2)
MHz
7
POSTDIV
/1
/2(2)
/32
ns
(1)
The multiplier values must be chosen such that the PLL output frequency (at PLLOUT) is between 400 and 600 MHz, but the frequency
going into the SYSCLK dividers (after the post divider) cannot exceed 300 MHz. The Post Divider and SYSCLK divider values must be
chosen such that the CPU clocks do not exceed 300 MHz.
(2)
PLL post divider / 2 must be used. The /4.5 clock path can be used to generate an EMIF clock from the undivided (i.e. 600 MHz) PLL
output clock.
44
Peripheral Information and Electrical Specifications
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com