Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AM1707ZKB4 Datasheet(PDF) 119 Page - Texas Instruments

No. de pieza AM1707ZKB4
Descripción Electrónicos  AM1705 ARM Microprocessor
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

AM1707ZKB4 Datasheet(HTML) 119 Page - Texas Instruments

Back Button AM1707ZKB4 Datasheet HTML 115Page - Texas Instruments AM1707ZKB4 Datasheet HTML 116Page - Texas Instruments AM1707ZKB4 Datasheet HTML 117Page - Texas Instruments AM1707ZKB4 Datasheet HTML 118Page - Texas Instruments AM1707ZKB4 Datasheet HTML 119Page - Texas Instruments AM1707ZKB4 Datasheet HTML 120Page - Texas Instruments AM1707ZKB4 Datasheet HTML 121Page - Texas Instruments AM1707ZKB4 Datasheet HTML 122Page - Texas Instruments AM1707ZKB4 Datasheet HTML 123Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 155 page
background image
PWM(A)
TZ
tw(TZ)
td(TZ-PWM)HZ
AM1705
www.ti.com
SPRS657A – FEBRUARY 2010 – REVISED APRIL 2010
6.21.1 Enhanced Pulse Width Modulator (eHRPWM) Timing
PWM refers to PWM outputs on eHRPWM1-6. Table 6-72 shows the PWM timing requirements and
Table 6-73, switching characteristics.
Table 6-72. eHRPWM Timing Requirements
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(SYNCIN)
Sync input pulse width
Asynchronous
2tc(SCO)
cycles
Synchronous
2tc(SCO)
cycles
Table 6-73. eHRPWM Switching Characteristics
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
tw(PWM)
Pulse duration, PWMx output high/low
20
ns
tw(SYNCOUT)
Sync output pulse width
8tc(SCO)
cycles
td(PWM)TZA
Delay time, trip input active to PWM forced high no pin load; no additional
ns
25
Delay time, trip input active to PWM forced low
programmable delay
td(TZ-PWM)HZ
Delay time, trip input active to PWM Hi-Z
no additional programmable
ns
20
delay
6.21.2 Trip-Zone Input Timing
A.
PWM refers to all the PWM pins in the device. The state of the PWM pins after TZ is taken high depends on the PWM
recovery software.
Figure 6-39. PWM Hi-Z Characteristics
Table 6-74. Trip-Zone input Timing Requirements
PARAMETER
MIN
MAX
UNIT
tw(TZ)
Pulse duration, TZx input low
Asynchronous
cycle
1tc(SCO)
s
Synchronous
cycle
2tc(SCO)
s
Table 6-75 shows the high-resolution PWM switching characteristics.
Table 6-75. High Resolution PWM Characteristics at SYSCLKOUT = (60 - 100 MHz)
PARAMETER
MIN
TYP
MAX
UNIT
Micro Edge Positioning (MEP) step size(1)
200
ps
(1)
MEP step size will increase with low voltage and high temperature and decrease with high voltage and cold temperature.
Copyright © 2010, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
119
Submit Documentation Feedback
Product Folder Link(s): AM1705



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com