Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 133 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 133 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 129Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 130Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 131Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 132Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 133Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 134Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 135Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 136Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 137Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
135
Freescale Semiconductor
Table A-20 Expanded Bus Timing Characteristics
Conditions are shown in (Table A-4) unless otherwise noted, CLOAD = 50pF
Num C
Rating
Symbol
Min
Typ
Max
Unit
1
P Frequency of operation (E-clock)
fo
0
25.0
MHz
2
P Cycle time
tcyc
40
ns
3
D Pulse width, E low
PWEL
19
ns
4D Pulse width, E high1
PWEH
19
ns
5
D Address delay time
tAD
8ns
6D Address valid time to E rise (PWEL–tAD)tAV
11
ns
7
D Muxed address hold time
tMAH
2ns
8
D Address hold to data valid
tAHDS
7ns
9
D Data hold to address
tDHA
2ns
10
D Read data setup time
tDSR
13
ns
11
D Read data hold time
tDHR
0ns
12
D Write data delay time
tDDW
7ns
13
D Write data hold time
tDHW
2ns
14
D Write data setup time(1) (PWEH–tDDW)
tDSW
12
ns
15
D Address access time(1) (tcyc–tAD–tDSR)
tACCA
19
ns
16
D E high access time(1) (PWEH–tDSR)
tACCE
6ns
17
D Non-multiplexed address delay time
tNAD
6ns
18
D Non-muxed address valid to E rise (PWEL–tNAD)tNAV
15
ns
19
D Non-multiplexed address hold time
tNAH
2ns
20
D Chip select delay time
tCSD
16
ns
21
D Chip select access time(1) (tcyc–tCSD–tDSR)
tACCS
11
ns
22
D Chip select hold time
tCSH
2ns
23
D Chip select negated time
tCSN
8ns
24
D Read/write delay time
tRWD
7ns
25
D Read/write valid time to E rise (PWEL–tRWD)tRWV
14
ns
26
D Read/write hold time
tRWH
2ns
27
D Low strobe delay time
tLSD
7ns
28
D Low strobe valid time to E rise (PWEL–tLSD)tLSV
14
ns
29
D Low strobe hold time
tLSH
2ns
30
D NOACC strobe delay time
tNOD
7ns
31
D NOACC valid time to E rise (PWEL–tNOD)tNOV
14
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com