Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

SC515849 Datasheet(PDF) 134 Page - Freescale Semiconductor, Inc

No. de pieza SC515849
Descripción Electrónicos  Device User Guide
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SC515849 Datasheet(HTML) 134 Page - Freescale Semiconductor, Inc

Back Button SC515849 Datasheet HTML 130Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 131Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 132Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 133Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 134Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 135Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 136Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 137Page - Freescale Semiconductor, Inc SC515849 Datasheet HTML 138Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 140 page
background image
Device User Guide — 9S12DT128DGV2/D V02.17
136
Freescale Semiconductor
32
D NOACC hold time
tNOH
2ns
33
D IPIPO[1:0] delay time
tP0D
27
ns
34
D IPIPO[1:0] valid time to E rise (PWEL–tP0D)tP0V
11
ns
35
D IPIPO[1:0] delay time(1) (PWEH-tP1V)
tP1D
225
ns
36
D IPIPO[1:0] valid time to E fall
tP1V
11
ns
NOTES:
1. Affected by clock stretch: add N x tcyc where N=0,1,2 or 3, depending on the number of clock stretches.
Table A-20 Expanded Bus Timing Characteristics
Conditions are shown in (Table A-4) unless otherwise noted, CLOAD = 50pF
Num C
Rating
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com