Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LF-375KB Datasheet(PDF) 18 Page - NEC

No. de pieza LF-375KB
Descripción Electrónicos  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

LF-375KB Datasheet(HTML) 18 Page - NEC

Back Button LF-375KB Datasheet HTML 14Page - NEC LF-375KB Datasheet HTML 15Page - NEC LF-375KB Datasheet HTML 16Page - NEC LF-375KB Datasheet HTML 17Page - NEC LF-375KB Datasheet HTML 18Page - NEC LF-375KB Datasheet HTML 19Page - NEC LF-375KB Datasheet HTML 20Page - NEC LF-375KB Datasheet HTML 21Page - NEC LF-375KB Datasheet HTML 22Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
Noise Filters VOL.11
18
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
N / F
N / F
R
S
T
U
V
W
General-purpose
inverter
Motor
Line
Only LF-KA and KB can be used in N/F
.
Caution
M
Installation Diagram
LF Series
For inverters
[RoHS Compliant]
LF Series
For Inverters
[RoHS Compliant]
LF-305
250
5
1500
300
1
–20 to +55
(input side)
LF-310
250
10
1500
300
1
–20 to +55
UL
(input side)
LF-315
250
15
1500
300
1
–20 to +55
(input side)
LF-320
250
20
1500
300
1
–20 to +55
(input side)
LF-330
250
30
1500
300
1
–20 to +55
UL
(input side)
LF-340
250
40
1500
300
1
–20 to +45
UL
(input side)
LF-350
250
50
1500
300
1
–20 to +45
UL
(input side)
LF-360
250
60
1500
300
1
–20 to +45
(input side)
LF-305G
250
5
1500
300
1
–25 to +55
(input side)
LF-310G
250
10
1500
300
1
–25 to +55
(input side)
LF-320G
250
20
1500
300
1
–25 to +55
(input side)
LF-315K
250
15
2000
300
5
–25 to +55
(input side)
LF-325K
250
25
2000
300
5
–25 to +55
(input side)
LF-335K
250
35
2000
300
5
–25 to +55
(input side)
LF-380K
250
80
2000
300
5
–25 to +55
(input side)
LF-314K4
506
14
2500
300
10 (500V, 60Hz)
–25 to +55
(input side)
LF-330K4
506
30
2500
300
10 (500V, 60Hz)
–25 to +55
(input side)
LF-355K4
506
55
2500
300
10 (500V, 60Hz)
–25 to +55
(input side)
LF-380K4
506
80
2500
300
10 (500V, 60Hz)
–25 to +55
(input side)
LF-310KA
250
10
2000
300
—
–25 to +55
(output side)
LF-320KA
250
20
2000
300
—
–25 to +55
(output side)
LF-350KA
250
50
2000
300
—
–25 to +55
(output side)
LF-310KB
440
10
2500
300
—
–25 to +55
(output side)
LF-320KB
440
20
2500
300
—
–25 to +55
(output side)
LF-335KB
440
35
2500
300
—
–25 to +55
(output side)
LF-345KB
440
45
2500
300
—
–25 to +55
(output side)
LF-375KB
440
75
2500
300
—
–25 to +55
(output side)
LF-3110KB
440
110
2500
300
—
–25 to +55
(output side)
WithstandingInsulation resistance
Leakage current
Operating
Model
Rated voltage
Rated current
voltage 1 min.,
500VDC 1 min.,
250V/60Hz,
temperatureCertified
Installation
AC/DC (V)
AC/DC (A)
line to groundline to ground
(mA) max.
range
standardposition
AC (V)
(M ) min.
(˚C)
bN/F
LF-K Series (conforms to CISPR Pub 14)
LF Series (conforms to FCC P15-J and JTTC)
LF-G Series (conforms to FCC P15-J and JTTC)
bN/F
LF-KA Series (200V line)
LF-KB Series (400V line)
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com