Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LF-375KB Datasheet(PDF) 26 Page - NEC

No. de pieza LF-375KB
Descripción Electrónicos  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

LF-375KB Datasheet(HTML) 26 Page - NEC

Back Button LF-375KB Datasheet HTML 22Page - NEC LF-375KB Datasheet HTML 23Page - NEC LF-375KB Datasheet HTML 24Page - NEC LF-375KB Datasheet HTML 25Page - NEC LF-375KB Datasheet HTML 26Page - NEC LF-375KB Datasheet HTML 27Page - NEC LF-375KB Datasheet HTML 28Page - NEC LF-375KB Datasheet HTML 29Page - NEC LF-375KB Datasheet HTML 30Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 51 page
background image
Noise Filters VOL.11
26
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
Casing Type
Metal box
8-4.5ø
5-M4
IN
E
95
105
115
16
16
25
50
130
144
160
29
29
60
30
4-4.5ø
4-M6
M4
Label
IN
E
Label
bHFP-2153
bHFP-4503A
bHFP-2303
INPUT
120
52.5
52.5
6.5
6-M4
L1 L2/N FG
40max.
260max.
10
10
180
6-M4
FG L2/N L1
OUTPUT
8-M4
INPUT
OUTPUT
L1 L2 L3
N
FG
4-M4
245max.
10
8-M4
67.5
67.5
7.5
INPUT
OUTPUT
8-M4
L1 L2 L3 N
FG
4-M4
355max.
10
8-M4
L1 L2 L3
N
FG
FG
67.5 67.5
7.5
bHFP-2303A1
bHFP-4153A
165
+0
–2.0
150
+0
–2.0
255
+0
–2
150
+0
–2.0
*Recommended torque (N・m) max. ◆Line terminal (M4: 0.78, M6: 1.18) ◆Earth terminal (M4: 1.18)
*Recommended torque (N・m) max.
◆Panel installation (M4: 1.18)
*Recommended torque (N・m) max.
◆Panel installation (M4: 1.18)
*Recommended torque (N・m) max.
◆Panel installation (M4: 1.18)
Shape and Dimensions
HFP Series
[RoHS Compliant]
HFP Series
[RoHS Compliant]
HFP-2153
250
15
AC1500
10
1.5 (250V, 60Hz)
30
–20 to +55
UL,CSA,TÜV
0.64
HFP-2303
250
30
AC1500
10
1.5 (250V, 60Hz)
30
–20 to +55
UL,CSA,TÜV
1.3
HFP-2303A1
250
30
AC1500
10
1.5 (250V, 60Hz)
30
–20 to +55
UL,CSA,TÜV
3.9
HFP-4153A
420
15
DC2600
10
3.5 (420V, 60Hz)
30
–20 to +55
UL,CSA,TÜV
6.5
HFP-4503A
420
50
DC2600
10
3.5 (420V, 60Hz)
35
–20 to +55
UL,CSA,TÜV 14.0
Rated
Rated
Withstanding Insulation resistance
Leakage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
current
temperature
temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
rise
range
standard
(kg)
(V)
(M ) min.
(mA) max.
(K) max.
(˚C)
[mm]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com