Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LF-375KB Datasheet(PDF) 23 Page - NEC

No. de pieza LF-375KB
Descripción Electrónicos  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

LF-375KB Datasheet(HTML) 23 Page - NEC

Back Button LF-375KB Datasheet HTML 19Page - NEC LF-375KB Datasheet HTML 20Page - NEC LF-375KB Datasheet HTML 21Page - NEC LF-375KB Datasheet HTML 22Page - NEC LF-375KB Datasheet HTML 23Page - NEC LF-375KB Datasheet HTML 24Page - NEC LF-375KB Datasheet HTML 25Page - NEC LF-375KB Datasheet HTML 26Page - NEC LF-375KB Datasheet HTML 27Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Noise Filters VOL.11
23
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
IN
Circuit Diagram
LH Series
Low-Frequency Inverters
[RoHS Compliant]
LH Series
Low-Frequency Inverters
[RoHS Compliant]
LH-3102
250
10
2000
300
1
40
–20 to +45
LH-3152
250
15
2000
300
1
40
–20 to +45
LH-3202
250
20
2000
300
1
40
–20 to +45
LH-3302
250
30
2000
300
1
40
–20 to +45
LH-3402
250
40
2000
300
1
40
–20 to +45
LH-3502
250
50
2000
300
1
40
–20 to +45
LH-3602
250
60
2000
300
1
40
–20 to +45
LH-3702
250
70
2000
300
1
40
–20 to +45
LH-3802
250
80
2000
300
1
40
–20 to +45
WithstandingInsulation resistance
Leakage
Self-
Operating
Model
Rated voltage
Rated current
voltage 1 min.,
500VDC 1 min.,
current
temperature
temperature
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
rise
range
AC (V)
(M ) min.
(mA) max.
(K) max.
(˚C)
B
F
D
øH
G
Pan-head screw
C
Label
bLH Series
*Recommended torque (N・m) max. ◆Line terminal (M4: 0.78, M6: 1.18, M8: 2.65)
Shape and Dimensions
Model
A
B
C
D
E
F
G
H
LH-3102
105
182
70
230 max.
80
200
M4
4.5
LH-3152
105
182
70
230 max.
80
200
M4
4.5
LH-3202
105
182
70
230 max.
80
200
M4
4.5
LH-3302
115
203
85
250 max.
75
220
M6
5.5
LH-3402
115
203
85
250 max.
75
220
M6
5.5
LH-3502
190
300
125
355 max. 150
320
M6
5.5
LH-3602
190
300
125
355 max. 150
320
M6
5.5
LH-3702
190
335
155
430 max. 150
360
M8
5.5
LH-3802
190
335
155
430 max. 150
360
M8
5.5
[mm]
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com