Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LF-375KB Datasheet(PDF) 16 Page - NEC

No. de pieza LF-375KB
Descripción Electrónicos  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

LF-375KB Datasheet(HTML) 16 Page - NEC

Back Button LF-375KB Datasheet HTML 12Page - NEC LF-375KB Datasheet HTML 13Page - NEC LF-375KB Datasheet HTML 14Page - NEC LF-375KB Datasheet HTML 15Page - NEC LF-375KB Datasheet HTML 16Page - NEC LF-375KB Datasheet HTML 17Page - NEC LF-375KB Datasheet HTML 18Page - NEC LF-375KB Datasheet HTML 19Page - NEC LF-375KB Datasheet HTML 20Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 51 page
background image
Noise Filters VOL.11
16
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
2-J
K
6-M4
6-M6
(LF-320~360)
E
F
G
DD
H
I
IN Label
*Recommended torque (N・m) max. ◆Line terminal (M4: 0.78, M6: 1.18)
Shape and Dimensions
IN
Circuit Diagram
Model
A
B
C
D
E
F
G
H
I
J
K
LF-305, 305A
120 110
40
25
80
95
110
25
45
4.5 7 4.5ø
LF-310, 310A
180 170
60
25
120 135 150
35
65
4.5 7 4.5ø
LF-315, 315A
180 170
60
25
120 135 150
35
65
4.5 7 4.5ø
LF-320, 320A
180 170
60
29
120 135 150
35
65
4.5 7 4.5ø
LF-320U
180 170
60
29
120 135 150
35
65
4.5 7 4.5ø
LF-330, 330A
180 170
60
29
120 135 150
35
65
4.5 7 4.5ø
LF-340, 340A
180 160
50
30
200 220 240
40
80
6.5 9 6.5ø
LF-350, 350A
180 160
50
30
200 220 240
40
80
6.5 9 6.5ø
LF-360
200 180
60
30
300 320 340
50
100
6.5 9 6.5ø
LF Series
Three-Phase Type
[RoHS Compliant]
LF Series
Three-Phase Type
[RoHS Compliant]
LF-305
250
5
1500
300
1
1.5
30
–20 to +55
0.65
LF-310
250
10
1500
300
1
1.5
30
–20 to +55
UL
1.9
LF-315
250
15
1500
300
1
1.5
30
–20 to +55
1.9
LF-320
250
20
1500
300
1
1.5
30
–20 to +55
2.3
LF-320U
250
20
1500
300
1
1.5
30
–20 to +55 UL, CSA 2.4
LF-330
250
30
1500
300
1
1.5
30
–20 to +55
UL
2.4
LF-340
250
40
1500
300
1
1.5
40
–20 to +45
UL
5.3
LF-350
250
50
1500
300
1
1.5
40
–20 to +45
UL
5.3
LF-360
250
60
1500
300
1
1.5
40
–20 to +45
8.0
LF-305A
450
5
2000
300
2
1.5
40
–20 to +45
0.65
LF-310A
450
10
2000
300
2
1.5
40
–20 to +45
1.9
LF-315A
450
15
2000
300
2
1.5
40
–20 to +45
1.9
LF-320A
450
20
2000
300
2
1.5
40
–20 to +45
UL
2.3
LF-330A
450
30
2000
300
2
1.5
40
–20 to +45
2.4
LF-340A
450
40
2000
300
2
1.5
40
–20 to +45
5.3
LF-350A
450
50
2000
300
2
1.5
40
–20 to +45
5.3
Rated
Rated
WithstandingInsulation resistance
Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(kg)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
[mm]
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com