Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LF-375KB Datasheet(PDF) 40 Page - NEC

No. de pieza LF-375KB
Descripción Electrónicos  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

LF-375KB Datasheet(HTML) 40 Page - NEC

Back Button LF-375KB Datasheet HTML 36Page - NEC LF-375KB Datasheet HTML 37Page - NEC LF-375KB Datasheet HTML 38Page - NEC LF-375KB Datasheet HTML 39Page - NEC LF-375KB Datasheet HTML 40Page - NEC LF-375KB Datasheet HTML 41Page - NEC LF-375KB Datasheet HTML 42Page - NEC LF-375KB Datasheet HTML 43Page - NEC LF-375KB Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
Noise Filters VOL.11
40
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
10
10
3.6 4.8
5-Faston® tab #110
(Oval hole1.2 2.0)
E
2.5
12
Caution: No E terminals on MR-2032.
*Faston® is a registered trademark of Tyco Electronics AMP.
Label
27
49
Shape and Dimensions
IN
IN
IN
IN
E
E
E
bMR-2021
bMR-2032
bMR-2043, MR-2053
bMR-2029, MR-2059
bMR-2054
Circuit Diagram
MR Series
[RoHS Compliant]
MR Series
[RoHS Compliant]
MR-2021
250
2
1500
300
0.75
1.5
30
–20 to +60
UL, CSA, VDE
35
MR-2032
250
3
1500
300
—
1.5
30
–20 to +60
UL, CSA
35
MR-2043
250
4
1500
300
0.75
1.5
30
–20 to +60
UL, CSA, VDE
40
MR-2053
250
5
1500
300
0.75
1.5
30
–20 to +60
40
MR-2054
250
5
1500
300
0.75
1.5
30
–20 to +60
40
MR-2029
250
2
1500
300
0.5
1.5
30
–20 to +60
35
MR-2059
250
5
1500
300
0.5
1.5
30
–20 to +60
35
Rated
Rated
WithstandingInsulation resistance Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
rise
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
[mm]
Casing Type
Plastic box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com