Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LF-375KB Datasheet(PDF) 28 Page - NEC

No. de pieza LF-375KB
Descripción Electrónicos  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

LF-375KB Datasheet(HTML) 28 Page - NEC

Back Button LF-375KB Datasheet HTML 24Page - NEC LF-375KB Datasheet HTML 25Page - NEC LF-375KB Datasheet HTML 26Page - NEC LF-375KB Datasheet HTML 27Page - NEC LF-375KB Datasheet HTML 28Page - NEC LF-375KB Datasheet HTML 29Page - NEC LF-375KB Datasheet HTML 30Page - NEC LF-375KB Datasheet HTML 31Page - NEC LF-375KB Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 51 page
background image
Noise Filters VOL.11
28
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
GT Series
Screw Terminal
[RoHS Compliant]
GT Series
Screw Terminal
[RoHS Compliant]
bGT-2100, GT-210U, GT-2150, GT-215U, GT-2200
GT-220U, GT-2150R, GT-2100R, GT-2200R
bGT-2050, GT-205U, GT-2050R
39
25
11
20.5
74.7
20.5
63.5
84
5-M4
2-4.8ø
Label
29
max.
10
17
4.8ø
15.5
53max.
15.5
5-M4
4.8 6.8*
*ø4.8 for GT-205U
E
Label
E
*Recommended torque (N・m) max. ◆Line terminal (M4: 0.78) ◆Earth terminal (M4: 1.18)
Shape and Dimensions
500
200
100
50
20
10
5
2
1
GT-2200
GT-2050
GT-2150
bGT-2000 Series
GT-2000R Series
bGT-200U Series
IN E
IN E
Input pulse peak voltage (V)
bPulse Attenuation Example
0
200
400
600
800
1000
1200
GT-2200R
GT-2150R
GT-2100R
GT-2050R
GT-2100
Circuit Diagram
GT-2050
250
5
1500
300
0.5
1
35
–20 to +55
150
GT-2100
250
10
1500
300
0.5
1
35
–20 to +55
260
GT-2150
250
15
1500
300
0.5
1
35
–20 to +55
270
GT-2200
250
20
1500
300
0.5
1
35
–20 to +55
270
GT-205U
250
5
1500
300
0.5
1
35
–20 to +55 UL, TÜV, VDE, CSA 170
GT-210U
250
10
1500
300
0.5
1
35
–20 to +55 UL, TÜV, VDE, CSA 260
GT-215U
250
15
1500
300
0.5
1
35
–20 to +55
UL
270
GT-220U
250
20
1500
300
0.5
1
35
–20 to +55
UL, TÜV
270
GT-2050R
250
5
1500
300
0.5
1
35
–20 to +55
160
GT-2100R
250
10
1500
300
0.5
1
35
–20 to +55
270
GT-2150R
250
15
1500
300
0.5
1
35
–20 to +55
280
GT-2200R
250
20
1500
300
0.5
1
35
–20 to +55
285
Rated
Rated
WithstandingInsulation resistance Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
[mm]
Casing Type
Metal box



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com