Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LF-375KB Datasheet(PDF) 47 Page - NEC

No. de pieza LF-375KB
Descripción Electrónicos  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

LF-375KB Datasheet(HTML) 47 Page - NEC

Back Button LF-375KB Datasheet HTML 43Page - NEC LF-375KB Datasheet HTML 44Page - NEC LF-375KB Datasheet HTML 45Page - NEC LF-375KB Datasheet HTML 46Page - NEC LF-375KB Datasheet HTML 47Page - NEC LF-375KB Datasheet HTML 48Page - NEC LF-375KB Datasheet HTML 49Page - NEC LF-375KB Datasheet HTML 50Page - NEC LF-375KB Datasheet HTML 51Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 47 / 51 page
background image
bGL-H2 Type (2-fuse type)
Faston® tab terminal #250
2-3.5ø Flat-head screw
CEE22;
3P inlet with CEE22,
VI specifications
Reference installation dimensions
for front panel installation
2-M3
35
–0
81.5
55.5
5.5
*Faston® is a registered trademark of Tyco Electronics AMP.
*Recommended torque (N・m) max.
◆Panel installation (M3: 0.50)
Shape and Dimensions
bGL-H2 Type
IN
(Inlet side)
(Faston® terminal side)
E
E
Fuse
Fuse
Circuit Diagram
GL Series
H Type
[RoHS Compliant]
GL Series
H Type
[RoHS Compliant]
GL-2030H2
250
3
1500
300
0.5
1
30
–25 to +55
TÜV
90
GL-2060H2
250
6
1500
300
0.5
1
30
–25 to +55
TÜV
90
Rated
Rated
WithstandingInsulation resistance Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(mA) max.
(V) max.
(K) max.
(˚C)
[mm]
Inlet Type
Noise Filters VOL.11
47
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com