Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

LF-375KB Datasheet(PDF) 43 Page - NEC

No. de pieza LF-375KB
Descripción Electrónicos  Noise Filters
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NEC [NEC]
Página de inicio  http://www.nec.com/
Logo NEC - NEC

LF-375KB Datasheet(HTML) 43 Page - NEC

Back Button LF-375KB Datasheet HTML 39Page - NEC LF-375KB Datasheet HTML 40Page - NEC LF-375KB Datasheet HTML 41Page - NEC LF-375KB Datasheet HTML 42Page - NEC LF-375KB Datasheet HTML 43Page - NEC LF-375KB Datasheet HTML 44Page - NEC LF-375KB Datasheet HTML 45Page - NEC LF-375KB Datasheet HTML 46Page - NEC LF-375KB Datasheet HTML 47Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 51 page
background image
Noise Filters VOL.11
43
●All specifications in this catalog and production status of products are subject to change without notice. Prior to the purchase, please contact NEC TOKIN for updated product data.
●Please request for a specification sheet for detailed product data prior to the purchase.
●Before using the product in this catalog, please read "Precautions" and other safety precautions listed in the printed version catalog.
9615NFSVOL11E1106E1
67
47.5
6.6
26
22.5
+0.5
–0
2-3.3ø
3.5
Soldered terminal
E
E
23.0
–0
21.5
–0
2-3.3ø2
2-M3
(1) For rear panel installation
(2) For front panel installation
Reference Installation Dimensions
EN60320 • 3P Inlet
bGL-C Type
*Recommended torque (N・m) max.
◆Panel installation (M3: 0.78)
Shape and Dimensions
GL Series
C Type
[RoHS Compliant]
GL Series
C Type
[RoHS Compliant]
GL-2030C
250
3
1500
300
500
1
30
–25 to +55 UL, CSA, TÜV, VDE
55
GL-2060C
250
6
1500
300
500
1
30
–25 to +55 UL, CSA, TÜV, VDE
55
GL-2100C
250
10
1500
300
500
1
30
–25 to +55
UL, CSA, TÜV
55
GL-2150C
250
15
1500
300
500
1
30
–25 to +55
UL, CSA, TÜV
55
GL-2030C2
250
3
1500
300
500
1
30
–25 to +55
UL, CSA, TÜV
55
GL-2030C3
250
3
1500
300
500
1
30
–25 to +55
UL, CSA, TÜV
55
GL-2060C3
250
6
1500
300
500
1
30
–25 to +55
UL, CSA, TÜV
55
GL-2060C1
250
6
1500
300
5
1
30
–25 to +55
UL, CSA
55
GL-2080C1
250
8
1500
300
5
1
30
–25 to +55
UL, CSA, TÜV
55
GL-2080C4
250
8
1500
300
500
1
30
–25 to +55
UL, CSA, TÜV
55
GL-2030CT
250
3
1500
300
5
1
30
–25 to +55
UL
55
GL-2060C4
250
6
1500
300
500
1
30
–25 to +55
UL, CSA, TÜV
55
Rated
Rated
WithstandingInsulation resistance Leakage
Voltage
Self-
Operating
Model
voltage
current
voltage 1 min.,
500VDC 1 min.,
currentdrop
temperature temperatureCertified
Weight
AC/DC (V)
AC/DC (A)
line to groundline to ground
250V/60Hz,
50Hz,
rise
range
standard
(g)
AC (V)
(M ) min.
(µA) max.
(V) max.
(K) max.
(˚C)
[mm]
Inlet Type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com