Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about L4969UR-E Datasheet

  • # Example questions: ➢ What power supply voltages are required for the l4969ur-e/d-e, and what are they used for?
    ➢ What are the primary functions of the nres and nint pins, and how do they interact with external components?
    ➢ How are the rxd and txd pins used in conjunction with the canh and canl pins for communication, and what does 'act. low' signify in their descriptions?

  • Part No.L4969UR-E
    ManufacturerSTMICROELECTRONICS
    Size492 Kbytes
    Pages46 pages
    DescriptionSystem voltage regulator with fault tolerant low speed CAN transceiver
    Datasheet Summary with AI

    ️· Purpose: Details the block diagram, pin descriptions, and some initial operational information for the ICs. It appears to be targeted at automotive applications requiring CAN communication and serial interfaces.
    ️· Key Features (based on excerpt):
    - CAN Transceiver: Includes CANH and CANL lines for communication. Features termination resistors and a transceiver interface.
    - Serial Interface: Supports a serial communication interface (SIN, SOUT, SCLK).
    - Reset & Interrupt: Includes a reset input (NRES) and an interrupt output (NINT).
    - Wake-up Input: A dual-edge triggerable wake-up input for low-power operation.
    - Multiple Power Supplies: Operates on multiple power supply voltages (V1, V2, V3, VS) to enable isolation between components
    ️· Content Breakdown:
    - Block Diagram: Provides a high-level overview of the IC’s internal architecture.
    - Pin Descriptions: A detailed table lists each pin, its number (for both PowerSO-20 and SO-20 packages), name, and function.
    - Pins configuration: A figure showing the pin layout.

    Overall: This document is the beginning of a more detailed datasheet for an automotive communication IC. It focuses on the physical connections and basic functionality of the device. It sets the stage for further explanation of registers, communication protocols, and operational characteristics.

    ️· Purpose: Details the block diagram, pin descriptions, and some initial operational information for the ICs. It appears to be targeted at automotive applications requiring CAN communication and serial interfaces.
    ️· Key Features (based on excerpt):
    - CAN Transceiver: Includes CANH and CANL lines for communication. Features termination resistors and a transceiver interface.
    - Serial Interface: Supports a serial communication interface (SIN, SOUT, SCLK).
    - Reset & Interrupt: Includes a reset input (NRES) and an interrupt output (NINT).
    - Wake-up Input: A dual-edge triggerable wake-up input for low-power operation.
    - Multiple Power Supplies: Operates on multiple power supply voltages (V1, V2, V3, VS) to enable isolation between components
    ️· Content Breakdown:
    - Block Diagram: Provides a high-level overview of the IC’s internal architecture.
    - Pin Descriptions: A detailed table lists each pin, its number (for both PowerSO-20 and SO-20 packages), name, and function.
    - Pins configuration: A figure showing the pin layout.

    Overall: This document is the beginning of a more detailed datasheet for an automotive communication IC. It focuses on the physical connections and basic functionality of the device. It sets the stage for further explanation of registers, communication protocols, and operational characteristics.

    Part No.L4969UR-E
    ManufacturerSTMICROELECTRONICS
    Size492 Kbytes
    Pages46 pages
    DescriptionSystem voltage regulator with fault tolerant low speed CAN transceiver
    ¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

    Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
    All Rights Reserved©Alldatasheet.com


    Mirror Sites
    English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
    Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
    Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
    Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
    Family Site : ic2ic.com  |   icmetro.com