Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet(PDF) 9 Page - STMicroelectronics

No. de pieza L4969UR-E
Descripción Electrónicos  System voltage regulator with fault tolerant low speed CAN transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969UR-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L4969UR-E Datasheet HTML 5Page - STMicroelectronics L4969UR-E Datasheet HTML 6Page - STMicroelectronics L4969UR-E Datasheet HTML 7Page - STMicroelectronics L4969UR-E Datasheet HTML 8Page - STMicroelectronics L4969UR-E Datasheet HTML 9Page - STMicroelectronics L4969UR-E Datasheet HTML 10Page - STMicroelectronics L4969UR-E Datasheet HTML 11Page - STMicroelectronics L4969UR-E Datasheet HTML 12Page - STMicroelectronics L4969UR-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 46 page
background image
L4969UR-E, L4969URD-E
Electrical specifications
Doc ID 022587 Rev 2
9/46
2.3
Electrical characteristics
VS =14V, Tj = -40°C to 150°C, unless otherwise specified
Table 5.
Supply current
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ISSL
All regulators off (CANH
Standby
Timer off (sleep #1)
20
40
60
µA
Timer on (sleep #2)
50
90
135
µA
ISSLWK
V1 off, V2 off, V3 on (CAN RX
only)
RX only
2
4
6
mA
ISSB
V1 only (CAN Standby)
Timer off (standby #1)
100
150
250
µA
Timer on (standby #2)
150
200
300
µA
Default (standby #3)
350
440
600
µA
IS
All regulators on, (CAN active,
TX high)
IOUT1 =-100mA;
IOUT2 = -10 mA; no CAN
load
110
120
150
mA
ISCP
Additional oscillator and charge
pump current at low VS
VS = 6 V; Timer off
55
80
100
µA
VS = 6 V; Timer on
10
30
50
µA
Table 6.
Voltage regulator 1
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V01
V1 output voltage
6V< VS <28V;
IO >-100 mA
(1)
1.
Valid for SO-20 package
4.9
5
5.1
V
6V< VS <28V;
IO >-150 mA
(2)
2.
Valid for PowerSO-20 package
4.9
5
5.1
V
VDP1
Dropout voltage 1@
VS =4.8 V
IOUT1 = -10 mA
0.0
0.025
0.06
V
IOUT1 = -100 mA
(1)
0.0
0.25
0.6
V
IOUT1 = -150 mA
(2)
0.0
0.4
0.9
V
VOL01
Load regulation 1
IO = -1 mA to -100 mA
(1)
010
40
mV
IO = -1 mA to -150 mA
(2)
010
40
mV
ILIM1
Current limit 1
0.8 V < VO1 <4.5 V;
VS =6V
(1)
-180
-400
-800
mA
0.8 V < VO1 <4.5 V;
VS =14 V
(2)
-180
-400
-800
mA
VOLI1
Line regulation 1
6 V < VS <28V; IO1 =-1mA
0
5
30
mV
TOVT1
Overtemp flag 1
6 V < VS < 28 V
130
140
150
°C
TOTKL1
Thermal shutdown 1
6 V < VS < 28 V
175
185
205
°C
Vres
Min V1 reset threshold
voltage
RTC0 = 0
4.15
4.5
4.7
V
RTC0 = 1
3.7
4.0
4.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com