Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet(PDF) 18 Page - STMicroelectronics

No. de pieza L4969UR-E
Descripción Electrónicos  System voltage regulator with fault tolerant low speed CAN transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969UR-E Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L4969UR-E Datasheet HTML 14Page - STMicroelectronics L4969UR-E Datasheet HTML 15Page - STMicroelectronics L4969UR-E Datasheet HTML 16Page - STMicroelectronics L4969UR-E Datasheet HTML 17Page - STMicroelectronics L4969UR-E Datasheet HTML 18Page - STMicroelectronics L4969UR-E Datasheet HTML 19Page - STMicroelectronics L4969UR-E Datasheet HTML 20Page - STMicroelectronics L4969UR-E Datasheet HTML 21Page - STMicroelectronics L4969UR-E Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
Functional description
L4969UR-E, L4969URD-E
18/46
Doc ID 022587 Rev 2
Figure 3.
State diagram
3.3
CAN transceiver
– Supports double wire unshielded busses
– Baud rate up to 125 KBaud
– Short circuit protection (battery, ground, wires shorted)
– Single wire operation possible (automatic switching to single wire upon bus failures)
– Bus not loaded in case of unpowered transceiver
The CAN transceiver stage is able to transfer serial data on two independent communication
wires either deferentially (normal operation) or in case of a single wire fault on the remaining
line. The physical bitcoding is done using dominant (transmitter active) and overwritable
STARTUP
V1 active
V2, V3, CAN off
t=320ms
STARTUP
FAILURE
t=1ms
(fail ++)
fail = 7
FORCED SLEEP
WAKEUP
V1 off
V1 Low
RESET low
WDC-ACK
WDC-ACK
WINDOW
WATCHDOG
REFRESH
t=tWIN2
WDC-OK
WDC-FAIL
NORMAL MODE
WINDOW WDC
ACTIVE
WND SET
NORMAL MODE
WINDOW WDC
DISABLED
TIMER
ACTIVE
WDEN SET
TIMEOUT | (WDC-ACK & NOT TIMEOUT(1))
NRES Low
Programmed
DISAR
SET
DISAR
SET
WAKEUP
WAKEUP&V1_UV
Writing to the WDC-
register
(WDC-ACK)
the NORMAL STATE is
entered.
A missing ACK within 320ms will
initiate a STARTUP FAILURE
phase (RESET low).
If no WDC-ACK is received within
seven retrials the voltage regulator
V1 will be turned off by entering the
FORCED SLEEP state.
Depending on the value from the last
WDC-ACK, another one has to be
written within the specified time frame
(SWDC[1:0]). A failure will activate
the STARTUP STATE
The Window supervision can temporarily be de-
activated for the time programmed during the
last WDC-ACK (WDT[3:0]). Upon rewriting
(WDC-ACK) or expiry of the timer, the NORMAL
STATE is reentered.
If during the last WDC-ACK WND has been set (after releasing
write lock, see description of Watchdog Control Register) the Win-
dow watchdog is deactivated, and no uC supervision is active.
TIMER
ACTIVE
WDEN SET
(restart by double
WDC-ACK & WDEN)
TIMEOUT | WDC-ACK
Here the timer can be used to
generate time events (i.e.
wake-up uC from stop)
After POR, V1 up or externally forced reset
through low NRES, the STARTUP STATE is
entered
The forced sleep mode is left upon wake-up through either CAN or edge on
WAKE. Applying a permanent wake-up (i.e. both CAN-lines dominant) pre-
vents V1 from being turned off (can be used during System debugging)
Setting DISAR (see Voltage Regulator Control Register) Voltage regulator V1 is
turned off, and the output voltage is decreasing depending on the external load
and blocking capacitor.
Note, that during this transition no Reset will be generated (due to Debug mode).
Upon wake-up howewer NRES will be pulled low, if V1was below the programma-
ble reset threshold (V1_UV).
Forcing NRES high externally, fail will not be incremented (Emulation)
(restart by double
WDC-ACK & WDEN)
WAKEUP
WDC-ACK
WDEN SET
&
SLEEP
V1 OFF
No Reset
WAKEUP
&V1_UV
No Reset
(1) Rewriting of the WDC register when the timer just expires can
lead to an unwanted window watchdog failure resulting in a low
pulse on RESET (see note on section 4.5.4)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com