Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet(PDF) 31 Page - STMicroelectronics

No. de pieza L4969UR-E
Descripción Electrónicos  System voltage regulator with fault tolerant low speed CAN transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969UR-E Datasheet(HTML) 31 Page - STMicroelectronics

Back Button L4969UR-E Datasheet HTML 27Page - STMicroelectronics L4969UR-E Datasheet HTML 28Page - STMicroelectronics L4969UR-E Datasheet HTML 29Page - STMicroelectronics L4969UR-E Datasheet HTML 30Page - STMicroelectronics L4969UR-E Datasheet HTML 31Page - STMicroelectronics L4969UR-E Datasheet HTML 32Page - STMicroelectronics L4969UR-E Datasheet HTML 33Page - STMicroelectronics L4969UR-E Datasheet HTML 34Page - STMicroelectronics L4969UR-E Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
L4969UR-E, L4969URD-E
Control and status registers
Doc ID 022587 Rev 2
31/46
After the XTAL driven timer of the microcontroller has calculated the relative cycle time and
the corresponding deviation, CG1 and CG0 have to be set to ‘10’ to disable the adjustment
cycle on NINT. From the deviation calculated by the microcontroller, the correction factor of
the RC-oscillator -15% to 16% can be reprogrammed with CG1 and CG0 set to ‘00’ or ‘11’.
(‘11’ can be used to indicate that calibration has already been performed).
Note, that overwriting this register is only valid, if the cycle measurement was started and
terminated properly. This can be tested by evaluating PGEN either prior to or during
correction (Read back via SOUT).
Note also, that any write to the WDC register will reset the timer and thus reset the phase of
the testcycle. Therefore a cyclic access to the window watchdog during the pulsewidth
measurement has to be avoided and the timer watchdog to be used instead (i.e. 1 sec)
Figure 16.
State transition during oscillator calibration
4.5
ADR4: WDC watchdog control register
Figure 17.
ADR4: WDC watchdog control register
The startup watchdog is not programmable and will always generate a 1.0 ms low cycle on
NRESET followed by a 320 ms high cycle until an Acknowledgment will occur. If no
Acknowldege is received after the 7th cycle, the device will automatically be forced into
Sleep mode.
“No Request”
“2.5ms cycle
on NINT”
“Finish Cycle”
“Update ADJ”
CG=01
CG=10
CG=00
CG=11
Watchdog and Interrupt
Start time measurement
at rising edge
Calculate
Offset
Write offset
Watchdog and Interrupt can be enabled
has to be disabled
SWT0
WDT3
SWT1
WND
WDEN
WDT2
WDT1
WDT0
D7
D0
Wake-up Watchdog
timing configuration
0000: 80ms
0001: 160ms
0010: 320ms
0011: 640ms
0100: 800ms
1000: 1sec
1001: 2sec
1010: 4sec
1011: 8sec
1100: 45min
Software Window Watchdog
timing configuration
00: 2.5 - 5ms
01: 5 - 10ms
10: 10 - 20ms
11: 20 - 40ms
Enable Wakeup Watchdog,
Window Watchdog will be
automatically deactivated
until wakeup watchdog expires
Reserved bits (‘RES’) have to be written as ‘0’.
Disable
Window Watchdog,
only allowed with
PGEN set, see
previous table
for Osc adjust



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com