Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet(PDF) 13 Page - STMicroelectronics

No. de pieza L4969UR-E
Descripción Electrónicos  System voltage regulator with fault tolerant low speed CAN transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969UR-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button L4969UR-E Datasheet HTML 9Page - STMicroelectronics L4969UR-E Datasheet HTML 10Page - STMicroelectronics L4969UR-E Datasheet HTML 11Page - STMicroelectronics L4969UR-E Datasheet HTML 12Page - STMicroelectronics L4969UR-E Datasheet HTML 13Page - STMicroelectronics L4969UR-E Datasheet HTML 14Page - STMicroelectronics L4969UR-E Datasheet HTML 15Page - STMicroelectronics L4969UR-E Datasheet HTML 16Page - STMicroelectronics L4969UR-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 46 page
background image
L4969UR-E, L4969URD-E
Electrical specifications
Doc ID 022587 Rev 2
13/46
Table 10.
Digital I/O
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VSINL
Low level input voltage
0
0.9
V
VSINH
High level input voltage
V1 - 0.9
V1
V
VSCLKL
Low level input voltage
0
0.9
V
VSCLKH
High level input voltage
V1 - 0.9
V1
V
VTXL
Low level input voltage
0
0.9
V
VTXH
High level input voltage
V1 - 0.9
V1
V
VWakeL
Low level input voltage
0
0.9
V
VWakeH
High level input voltage
4.1
5.0
V
VSoutH
High level output voltage
V1 - 0.9
V1
V
VSoutL
Low level output voltage
0
0.9
V
VRXDH
High level output voltage
V1 - 0.9
V1
V
VRXDL
Low level output voltage
0
0.9
V
IohRXD
High level output current
RXD = 0
-2.5
-1.8
-0.9
mA
IolRXD
Low level output current
RXD = 5 V
0.9
1.6
2.5
mA
IohSOUT
High level output current
SOUT = 0
-18.0
-14.0
-7.0
mA
IolSOUT
Low level output current
SOUT = 5 V
15
24
35
mA
IohINT
High level output current
INT = 0
-20
-15
-8
mA
IolINT
Low level output current
INT = 5 V
15
24
35
mA
IohReset
High level output current
RESET = 0
-25.0
-15,0
-6.0
µA
IolReset
Low level output current
RESET = 5 V
5.0
7.5
10.0
mA
IohWake
High level output current
VWake = 5 V
-1.5
0
1.5
µA
IolWake
Low level output current
VWake = 0 V
-4.5
-3.4
-2.0
µA
Table 11.
Serial data interface
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tStart
SIN low to SCLK low setup time
(frame start)
100
ns
tSetup
SIN to SCLK setup time (write)
100
ns
tHold
SIN to SCLK hold time (write)
100
ns
tD
SCLK to SOUT delay time (read)
500
ns
tCKmax
SCLK maximum cycle time
(timeout)
11.5
3.0
ms
tGAP
Interframe gap
5
µs
fSCLK
SCLK frequency range
0.25
0.5
1
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com