Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet(PDF) 6 Page - STMicroelectronics

No. de pieza L4969UR-E
Descripción Electrónicos  System voltage regulator with fault tolerant low speed CAN transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969UR-E Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L4969UR-E Datasheet HTML 2Page - STMicroelectronics L4969UR-E Datasheet HTML 3Page - STMicroelectronics L4969UR-E Datasheet HTML 4Page - STMicroelectronics L4969UR-E Datasheet HTML 5Page - STMicroelectronics L4969UR-E Datasheet HTML 6Page - STMicroelectronics L4969UR-E Datasheet HTML 7Page - STMicroelectronics L4969UR-E Datasheet HTML 8Page - STMicroelectronics L4969UR-E Datasheet HTML 9Page - STMicroelectronics L4969UR-E Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Block diagram and pins description
L4969UR-E, L4969URD-E
6/46
Doc ID 022587 Rev 2
1
Block diagram and pins description
Figure 1.
Block diagram
Table 2.
Pins description
Pin Number
Pin name
Function
PowerSO-20
SO-20
1, 10, 11, 20
5, 6, 15, 16
GND
Power ground
2
7
V1
Microcontroller supply voltage
3
8
V2
Peripheral supply voltage
4
9
V3
Internal CAN supply
5
10
VS
Power supply
6
11
CANH
CANH line driver output
7
12
RTL
CANL termination source
8
13
CANL
CANL line driver output
9
14
RTH
CANH termination source
12
17
RXD
Act. Low CAN receive dominant data output
13
18
TXD
Act. Low CAN transmit dominant data input
14
19
SOUT
Serial data output
VREG 1
VREG 2
VREG 3
Fault tolerant
low speed
CAN-transceiver
24 Bit SPI
Control and Status Memory
Identifier Filter
Watchdog and
adjustable RC-Oscillator
VS
V1
V2
V3
CANH
CANL
RTH
RTL
TX
RX
SCLK
SIN
SOUT
WAKE
NINT
NRESET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com