Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet(PDF) 34 Page - STMicroelectronics

No. de pieza L4969UR-E
Descripción Electrónicos  System voltage regulator with fault tolerant low speed CAN transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969UR-E Datasheet(HTML) 34 Page - STMicroelectronics

Back Button L4969UR-E Datasheet HTML 30Page - STMicroelectronics L4969UR-E Datasheet HTML 31Page - STMicroelectronics L4969UR-E Datasheet HTML 32Page - STMicroelectronics L4969UR-E Datasheet HTML 33Page - STMicroelectronics L4969UR-E Datasheet HTML 34Page - STMicroelectronics L4969UR-E Datasheet HTML 35Page - STMicroelectronics L4969UR-E Datasheet HTML 36Page - STMicroelectronics L4969UR-E Datasheet HTML 37Page - STMicroelectronics L4969UR-E Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Control and status registers
L4969UR-E, L4969URD-E
34/46
Doc ID 022587 Rev 2
4.5.4
Wakeup watchdog
Figure 21.
Wakeup watchdog
If the Timer is activated during Normal mode by setting WDEN in WDC, an “acknowledge-
free” sequence is started for a predefined programmable time. Window Watchdog activity is
resumed after expiry of the timer.
To be able to detect the timeout, the corresponding interrupt enable must be set in GIEN.
This mode can also be used to allow a bootstrap loader mode with longer execution times
than the maximum specified window. Correct startup of this loader is safely detected upon
missing response following the timeout.
Note:
Special considerations for the timer restart via WDC write:
Due to a restriction in the transition from Wake-up Watchdog to Window Watchdog an
unwanted low pulse on RESET (Window Watchdog failure) can be triggered when WDC
register is rewritten while the Wake-up Watchdog just expires.
Therefore the timer can only be restarted by rewriting WDEN twice in WDC when the
location of the timer expiration is considered.
This is the case, when the expiration of the timer is monitored through timer expiration
interrupt via NINT (configuration as in Figure 21). Here a safe rewrite to the WDC register is
possible directly after this event has been detected (the time for event processing plus the
duration of the corresponding SPI frame are far longer than the Wake-up Watchdog to
Window Watchdog state transition).
When the timer expiration cannot be known while updating the WDC register, two strategies
are possible to bypass this behaviour:
1.
Disable the Window Watchdog function as described in section 4.5, in the Watchdog
control register to avoid a false Window Watchdog failure. The potential impact on a
safe application supervision has to be considered.
2.
Access the internal state of the Wake-up Watchdog to identify a safe window for a WDC
rewrite (see Figure 22):
the internal state of the Wake-up Watchdog prescaler can be accessed via NINT after
setting the bit D6, ‘CG0’ of the RCADJ register.
To avoid that other active interrupt sources pull NINT low they have to be masked by
clearing the global interrupt mask register GIEN.
An expiration of the Wake-up Watchdog can only occur with the rising edge of the
rectangular waveform now visible on NINT, so that a safe rewrite of the WDC register can
take place at any time while NINT is high or directly after the falling edge. After WDC rewrite
Window Wd
Window Wd
Timer (80ms .. 45min)
NINT
Ack Window &
Timeout and resume Window Wd
Interrupt active upon timeout (via GIEN)
Start Timer
restart timer
safely before expiration
by writing WDC twice



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com