Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet(PDF) 8 Page - STMicroelectronics

No. de pieza L4969UR-E
Descripción Electrónicos  System voltage regulator with fault tolerant low speed CAN transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969UR-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L4969UR-E Datasheet HTML 4Page - STMicroelectronics L4969UR-E Datasheet HTML 5Page - STMicroelectronics L4969UR-E Datasheet HTML 6Page - STMicroelectronics L4969UR-E Datasheet HTML 7Page - STMicroelectronics L4969UR-E Datasheet HTML 8Page - STMicroelectronics L4969UR-E Datasheet HTML 9Page - STMicroelectronics L4969UR-E Datasheet HTML 10Page - STMicroelectronics L4969UR-E Datasheet HTML 11Page - STMicroelectronics L4969UR-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
Electrical specifications
L4969UR-E, L4969URD-E
8/46
Doc ID 022587 Rev 2
2
Electrical specifications
2.1
Absolute maximum ratings
Applying stress which exceeds the ratings listed in the Table 3: Absolute maximum ratings
may cause permanent damage to the device. These are stress ratings only and operation of
the device at these or any other conditions above those indicated in the Operating sections
of this specification is not implied. Exposure to the conditions in this section for extended
periods may affect device reliability.
2.2
Thermal data
Table 3.
Absolute maximum ratings(1)
1.
All pins of the IC are protected against ESD. The verification is performed according to MIL 883C, human
body model with R = 1.5 k
, C = 100 pF and discharge voltage 2000 V, corresponding to a maximum
discharge energy of 0.2 mJ.
Symbol
Parameter
Value
Unit
VVSDC
DC operating supply voltage
-0.3 to 28
V
VVSTR
Transient operating supply voltage (T < 400 ms)
-0.3 to 40
V
IVOUT1...3 Output currents
Internally limited
TSTG
Storage temperature
-65 to 150
°C
TJ
Operating junction temperature
-40 to 150
°C
VOUT1
(2)
2.
Voltage forced means voltage limited to the specified values while the current is not limited.
Externally forced output voltage OUT1
-0.3 to VS + 0.3, max + 6.3
V
VOUT2
(2)
Externally forced output voltage OUT2
-0.3 to VS + 0.3
V
VOUT3
(2)
Externally forced output voltage OUT3
-0.3 to VS + 0.3, max + 6.3
V
Vinli
Input voltage logic inputs: SIN, SCLK, NRES
-0.3 to 7
V
VinliW
Input voltage WAKE
-0.3 to VS + 0.3
V
Vcanh
Voltage CANH line(3)
3.
ESD pulses on CAN-pins up to 4 KV HBM vs GND with all other pins grounded.
-28 to 40
V
Vcanl
Voltage CANL line
-28 to 40
V
Table 4.
Thermal data of PowerSO-20
Symbol
Parameter
Value
Unit
Rthj-a
Thermal resistance junction-ambient
40(1)
1.
Typical value soldered on a PC board with 8 cm2 copper ground plane (35µm thick).
°C/W
Rthj-c
Thermal resistance junction-case
3
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com