Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet(PDF) 16 Page - STMicroelectronics

No. de pieza L4969UR-E
Descripción Electrónicos  System voltage regulator with fault tolerant low speed CAN transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969UR-E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button L4969UR-E Datasheet HTML 12Page - STMicroelectronics L4969UR-E Datasheet HTML 13Page - STMicroelectronics L4969UR-E Datasheet HTML 14Page - STMicroelectronics L4969UR-E Datasheet HTML 15Page - STMicroelectronics L4969UR-E Datasheet HTML 16Page - STMicroelectronics L4969UR-E Datasheet HTML 17Page - STMicroelectronics L4969UR-E Datasheet HTML 18Page - STMicroelectronics L4969UR-E Datasheet HTML 19Page - STMicroelectronics L4969UR-E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
Functional description
L4969UR-E, L4969URD-E
16/46
Doc ID 022587 Rev 2
3
Functional description
3.1
General features
The L4969UR is a monolithic integrated circuit which provides all main functions for an
automotive body CAN network.
It features two independent regulated voltage supplies V1 and V2, an interrupt and reset
logic with internal clock generator, Serial Interface and a low speed CAN-bus transceiver
which is supplied by a separate third voltage regulator (V3).
The device guarantees a clearly defined behavior in case of failure, to avoid permanent CAN
bus errors.
The device operates in four basic modes, with additional programming for V1 Standby
modes in CTCR:
3.1.1
V1 output voltage
The V1 regulator uses a DMOS transistor as an output stage. With this structure very low
dropout voltage is obtained. The dropout operation of the standby regulator is maintained
down to 4 V input supply voltage. The output voltage is regulated up to the transient input
supply voltage of 40 V. With this feature no functional interruption due to overvoltage pulses
is generated. The output 1 regulator is switched off in sleep mode.
3.1.2
V2 output voltage
The V2 regulator uses the same output structure as the output 1 regulator except to being
short circuit proof to VS. The V2 output can be switched on and off through a dedicated
enable bit in the control register. In addition a tracking option can be enabled to allow V2
follow V1 with constant offset. This feature allows consistent A/D conversion inside the
microcontroller (supplied by V1) when the converted signals are referenced to V2. The
maximum voltage that can be applied to V2 is VS + 0.3 V up to a max VS of 40 V.
Table 15.
Operating mode description
Mode
V1
V2
V3
Timer/WDC
CAN-IF
Ityp
LP1, LP0
(CTCR)
Remarks
Sleep #1
Off Off Off
Off
Standby
40µ
x,x
No Timer based wakeup
Sleep #2
Off Off Off On (250Khz) Standby
80µ
x,x
Timer active based on tOSCslow
Standby #1(1)
On Off Off
Off
Standby 170µ
1,1
No Watchdog or Timer
Standby #2(1)
On Off Off On (250KHz) Standby 210µ
1,0
Watchdog or timer active based on
tOSCslow
Standby #3
On Off Off
On (1MHz)
Standby 440µ
0,0
Watchdog or timer activ, POR default
RXOnly
Off Off On
On (1MHz)
RX-Only 4mA
x,x
Active during Busactivity to filter ID,
auto- matic fall back to Sleep when Bus
idle
Normal
On On On
On (1MHz)
Normal
5mA
x,x
No Currents from CAN or Regulators
1.
Note, that in order to enter either Standby #1 or Standby #2 the Startup-Watchdog has to be acknowledged, in Standby #1, the Window
Watchdog has to be disabled as described in Chapter 2.5, to allow the decativation of the internal oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com