Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

L4969UR-E Datasheet(PDF) 1 Page - STMicroelectronics

No. de pieza L4969UR-E
Descripción Electrónicos  System voltage regulator with fault tolerant low speed CAN transceiver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4969UR-E Datasheet(HTML) 1 Page - STMicroelectronics

  L4969UR-E Datasheet HTML 1Page - STMicroelectronics L4969UR-E Datasheet HTML 2Page - STMicroelectronics L4969UR-E Datasheet HTML 3Page - STMicroelectronics L4969UR-E Datasheet HTML 4Page - STMicroelectronics L4969UR-E Datasheet HTML 5Page - STMicroelectronics L4969UR-E Datasheet HTML 6Page - STMicroelectronics L4969UR-E Datasheet HTML 7Page - STMicroelectronics L4969UR-E Datasheet HTML 8Page - STMicroelectronics L4969UR-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
September 2013
Doc ID 022587 Rev 2
1/46
1
L4969UR-E
L4969URD-E
System voltage regulator with fault tolerant
low speed CAN transceiver
Features
Operating supply voltage 6 V to 28 V, transient
up to 40 V
Low quiescent current consumption, less than
40 µA in sleep mode
Two very low drop voltage regulators
5 V/200 mA
Separate voltage regulator for CAN transceiver
supply with low power sleep mode
Efficient microcontroller supervision and reset
logic
24 bit serial interface
An unpowered or insufficiently supplied node
does not disturb the bus lines
VS voltage sense comparator
Supports transmission with groundshift: single
wire 1.5 V - differential: 3 V
Description
The L4969UR-E and L4969URD-E are integrated
circuits containing 3 independent voltage
regulators and a standard fault tolerant low speed
CAN line interface in multipower BCD3S process.
They integrate all main local functions for
automotive body electronic applications
connected to a CAN bus.
PowerSO-20
SO-20
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
SO-20
L4969URD-E
L4969URDTR-E
PowerSO-20
L4969UR-E
L4969URTR-E
www.st.com


Número de pieza similar - L4969UR-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
L4969UR-E STMICROELECTRONICS-L4969UR-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
More results

Descripción similar - L4969UR-E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
PCA82C252 PHILIPS-PCA82C252 Datasheet
112Kb / 20P
Fault-tolerant CAN transceiver
1997 Oct 28
TJA1053 PHILIPS-TJA1053 Datasheet
113Kb / 20P
Fault-tolerant CAN transceiver
1997 Oct 15
logo
STMicroelectronics
L4969 STMICROELECTRONICS-L4969 Datasheet
337Kb / 35P
SYSTEM VOLTAGE REGULATOR WITH FAULT TOLERANT LOW SPEED CAN-TRANSCEIVER
Aug-2003
logo
Motorola, Inc
MC33389 MOTOROLA-MC33389 Datasheet
592Kb / 35P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
Infineon Technologies A...
TLE6254-3G INFINEON-TLE6254-3G Datasheet
539Kb / 25P
Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.0, 2005-03-24
logo
Freescale Semiconductor...
MC33889 FREESCALE-MC33889 Datasheet
1Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33889 FREESCALE-33889 Datasheet
2Mb / 60P
System Basis Chip with Low Speed Fault Tolerant CAN Interface
33389 FREESCALE-33389 Datasheet
1Mb / 49P
System Basis Chip with Low Speed Fault Tolerant CAN
logo
Infineon Technologies A...
IFX1054G INFINEON-IFX1054G Datasheet
1Mb / 21P
Fault Tolerant Low Speed CAN-Transceiver
Rev. 1.0, 2009-05-12
TLE6254-3G INFINEON-TLE6254-3G_07 Datasheet
471Kb / 26P
Fault Tolerant Low Speed CAN-Transceiver
Rev. 2.1, Aug. 2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com