Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet (PDF) - Renesas Technology Corp

RZ/T1 Datasheet PDF - Renesas Technology Corp
No. de pieza RZ/T1
Descarga  RZ/T1 Descarga
Tamaño del archivo   1417.48 Kbytes
Page   139 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos RZ/T1 Group

RZ/T1 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
RZ/T1 Datasheet PDF - Renesas Technology Corp

No. de pieza RZ/T1
Descarga  RZ/T1 Click to download

Tamaño del archivo   1417.48 Kbytes
Page   139 Pages
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Descripción Electrónicos RZ/T1 Group

RZ/T1 Datasheet (HTML) - Renesas Technology Corp


RZ/T1 Detalles de producto

300 MHz/450 MHz/600 MHz, MCU with Arm® Cortex®-R4 and -M3*1, on-chip FPU, 498/747/996
DMIPS, up to 1 Mbyte of on-chip extended SRAM, Ethernet MAC, EtherCAT*1, USB 2.0 high-speed,
CAN, various communications interfaces such as an SPI multi-I/O bus controller, ΔΣ interface, safety
functions, encoder interfaces*1, and security functions*1

■ On-chip 32-bit Arm Cortex-R4 processor
 High-speed realtime control with maximum operating frequency of
300/450/600 MHz
Capable of 498/747/996 DMIPS (in operation at 300/450/600
MHz)
 On-chip 32-bit Arm Cortex-R4 (revision r1p4)
 Tightly coupled memory (TCM) with ECC: 512 Kbytes/32 Kbytes
 Instruction cache/data cache with ECC: 8 Kbytes per cache
 High-speed interrupt
 The FPU supports addition, subtraction, multiplication, division,
multiply-and-accumulate, and square-root operations at singleprecision
and double-precision.
 Harvard architecture with 8-stage pipeline
 Supports the memory protection unit (MPU)
 Arm CoreSight architecture, includes support for debugging
through JTAG and SWD interfaces
■ On-chip 32-bit Arm Cortex-M3 processor
(in products incorporating an R-IN engine)
 150-MHz operating frequency
 On-chip 32-bit Arm Cortex-M3 (revision r2p1)
 RISC Harvard architecture with 3-stage pipeline
 Supports the memory protection unit (MPU)




Número de pieza similar - RZ/T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RZ/T2L RENESAS-RZ/T2L Datasheet
1Mb / 103P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.30 Feb 27, 2026
RZ/T2M RENESAS-RZ/T2M Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Mar 22, 2022
RZ/T2M RENESAS-RZ/T2M Datasheet
2Mb / 128P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.30 Mar 13, 2026
RZ/T2ME RENESAS-RZ/T2ME Datasheet
1Mb / 116P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.10 Mar 13, 2026
More results


Descripción similar - RZ/T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
R8C/20 Group, R8C/21 Group RENESAS MCU
logo
Shoulder Electronics Li...
HDF4803TO39 SHOULDER-HDF4803TO39 Datasheet
109Kb / 5P
Constant group delay
logo
Adels-Contact
124201 ADELS-124201 Datasheet
116Kb / 2P
500 RZ/ 1
124203 ADELS-124203 Datasheet
118Kb / 2P
500 RZ/ 3
logo
Renesas Technology Corp
RZ_G2UL RENESAS-RZ_G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
GR-MANGO RENESAS-GR-MANGO Datasheet
1Mb / 32P
GR-MANGO is the Gadget Renesas board for the Renesas RZ familys RZ/A2M group of microprocessors (MPU) products
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results




Sobre a Renesas Technology Corp


Renesas Technology Corp es una compañía de semiconductores japoneses que proporciona una amplia gama de microcontroladores, sistemas a chips y dispositivos analógicos y de energía para diversas aplicaciones en los mercados automotrices, industriales y de consumo.
La compañía se formó en 2010 a través de la fusión de NEC Electronics Corporation y Renesas Technology Corporation.
Renesas es uno de los mayores proveedores de microcontroladores del mundo y es conocido por su experiencia en el desarrollo de tecnologías avanzadas en áreas como Internet de las cosas (IoT), inteligencia artificial (IA) y electrónica automotriz.
La compañía tiene operaciones en más de 20 países y sus productos se utilizan en una amplia gama de aplicaciones.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com