Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 1 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 1 Page - Renesas Technology Corp

  RZ/T1 Datasheet HTML 1Page - Renesas Technology Corp RZ/T1 Datasheet HTML 2Page - Renesas Technology Corp RZ/T1 Datasheet HTML 3Page - Renesas Technology Corp RZ/T1 Datasheet HTML 4Page - Renesas Technology Corp RZ/T1 Datasheet HTML 5Page - Renesas Technology Corp RZ/T1 Datasheet HTML 6Page - Renesas Technology Corp RZ/T1 Datasheet HTML 7Page - Renesas Technology Corp RZ/T1 Datasheet HTML 8Page - Renesas Technology Corp RZ/T1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 139 page
background image
RZ/T1 Group
Datasheet
R01DS0228EJ0200 Rev.2.00
Page 1 of 139
Jun. 30, 2025
Features
■ On-chip 32-bit Arm Cortex-R4 processor
High-speed realtime control with maximum operating frequency of
300/450/600 MHz
Capable of 498/747/996 DMIPS (in operation at 300/450/600
MHz)
On-chip 32-bit Arm Cortex-R4 (revision r1p4)
Tightly coupled memory (TCM) with ECC: 512 Kbytes/32 Kbytes
Instruction cache/data cache with ECC: 8 Kbytes per cache
High-speed interrupt
The FPU supports addition, subtraction, multiplication, division,
multiply-and-accumulate, and square-root operations at single-
precision and double-precision.
Harvard architecture with 8-stage pipeline
Supports the memory protection unit (MPU)
Arm CoreSight architecture, includes support for debugging
through JTAG and SWD interfaces
■ On-chip 32-bit Arm Cortex-M3 processor
(in products incorporating an R-IN engine)
150-MHz operating frequency
On-chip 32-bit Arm Cortex-M3 (revision r2p1)
RISC Harvard architecture with 3-stage pipeline
Supports the memory protection unit (MPU)
■ Low power consumption
Standby mode, sleep mode, and module stop function
■ On-chip extended SRAM
Up to 1 Mbyte of the on-chip extended SRAM with ECC
150 MHz
■ Data transfer
DMAC: 16 channels × 2 units
DMAC for the Ethernet controller: 1 channel
■ Event link controller
Module operations can be started by event signals rather than by
interrupt handlers.
Linked operation of modules is available even while the CPU is in
the sleep state.
■ Reset and power supply voltage control
Four reset sources including a pin reset
Dual power-voltage configuration: 3.3 V (I/O unit), 1.2 V
(internal)
■ Clock functions
External clock/oscillator input frequency: 25 MHz
CPU clock frequency: Up to 300/450/600 MHz
Low-speed on-chip oscillator (LOCO): 240 kHz
■ Independent watchdog timer
Operated by a clock signal obtained by frequency-dividing the
clock signal from the low-speed on-chip oscillator: Up to 120 kHz
■ Safety functions
Register write protection, input clock oscillation stop detection,
CRC, IWDTa, and A/D self-diagnosis
An error control module is incorporated to generate a pin signal
output, interrupt, or internal reset in response to errors originating
in the various modules.
■ Security functions (optional)*2
Boot mode with security through encryption
■ Encoder interfaces (optional)
2 channels*3
EnDat 2.2, BiSS-C, FA-CODER, A-format, and HIPERFACE
DSL-compliant interfaces*4
Frequency-divided output from an encoder
■ Various communications interfaces
Ethernet
- EtherCAT slave controller: 2 ports (optional)
- Ethernet MAC: 1 port (an Ethernet switch is not used)
or
- Ethernet MAC: 1 port (an Ethernet switch to support 2 ports is
used)
USB 2.0 high-speed host/function : 1 channel
CAN (compliant with ISO11898-1): 2 channels (max.)
SCIFA with 16-byte transmission and reception FIFOs: 5 channels
I2C bus interface: 2 channels for transfer at up to 400 kbps
RSPIa: 4 channels
 SPIBSC: Provides a single interface for multi-I/O compatible
serial flash memory
■ External address space
Buses for high-speed data transfer at 75 MHz (max.)
Support for up to 6 CS areas
8-, 16-, or 32-bit bus space is selectable per area
■ Up to 33 extended-function timers
16-bit TPUa (12 channels), MTU3a (9 channels), GPTa (4
channels): Input capture, output compare, PWM waveform output
16-bit CMT (6 channels), 32-bit CMTW (2 channels)
■ Serial sound interface (1 channel)
■ ΔΣ interface
Up to 4 ΔΣ modulators are connectable externally.
■ 12-bit A/D converters
12 bits × 2 units (max.)
(8 channels for unit 0; 16 channels for unit 1)
Self diagnosis
Detection of analog input disconnection
■ Temperature sensor for measuring temperature
within the chip
■ General-purpose I/O ports
5-V tolerance, open drain, input pull-up
■ Multi-function pin controller
The locations of input/output functions for peripheral modules are
selectable from among multiple pins.
■ Operating temperature range
Tj = -40°C to +125°C
Tj: Junction temperature
PRBG0320GA-A 17 × 17 mm, 0.8-mm pitch
PRBG0320GB-A 17 × 17 mm, 0.8-mm pitch
PLBG0320GB-A 17 × 17 mm, 0.8-mm pitch
PLQP0176LD-A 20 × 20 mm, 0.4-mm pitch
R01DS0228EJ0200
Rev.2.00
Jun. 30, 2025
300 MHz/450 MHz/600 MHz, MCU with Arm® Cortex®-R4 and -M3*1, on-chip FPU, 498/747/996
DMIPS, up to 1 Mbyte of on-chip extended SRAM, Ethernet MAC, EtherCAT*1, USB 2.0 high-speed,
CAN, various communications interfaces such as an SPI multi-I/O bus controller, ΔΣ interface, safety
functions, encoder interfaces*1, and security functions*1
Note 1.
Optional
Note 2.
Details of these optional functions will only be disclosed after completion of a binding non-disclosure agreement. For details, contact our sales
representative.
Note 3.
For use of two channels, use them in combination of any two protocols among EnDat2.2, BiSS-C, FA-CODER, and A-format.
Note 4.
BiSS is a registered trademark of iC-Haus GmbH.


Número de pieza similar - RZ/T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Renesas Technology Corp
RZ/T2L RENESAS-RZ/T2L Datasheet
1Mb / 103P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.30 Feb 27, 2026
RZ/T2M RENESAS-RZ/T2M Datasheet
1Mb / 127P
RZ Arm-based High-end 32 & 64-bit MPUs
Mar 22, 2022
RZ/T2M RENESAS-RZ/T2M Datasheet
2Mb / 128P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.30 Mar 13, 2026
RZ/T2ME RENESAS-RZ/T2ME Datasheet
1Mb / 116P
RZ Arm-based High-end 32 & 64-bit MPUs
Rev.1.10 Mar 13, 2026
More results

Descripción similar - RZ/T1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mitsubishi Electric Sem...
M30218 MITSUBISHI-M30218 Datasheet
4Mb / 467P
M30218 Group
logo
Renesas Technology Corp
R5F2L357MNFP RENESAS-R5F2L357MNFP Datasheet
877Kb / 75P
R8C/L35M Group, R8C/L36M Group, R8C/L38M Group, R8C/L3AM Group RENESAS MCU
R5F21344PJFP RENESAS-R5F21344PJFP Datasheet
542Kb / 56P
R8C/34P Group, R8C/34R Group RENESAS MCU
R5F21206JFPU1 RENESAS-R5F21206JFPU1 Datasheet
432Kb / 47P
R8C/20 Group, R8C/21 Group RENESAS MCU
logo
Shoulder Electronics Li...
HDF4803TO39 SHOULDER-HDF4803TO39 Datasheet
109Kb / 5P
Constant group delay
logo
Adels-Contact
124201 ADELS-124201 Datasheet
116Kb / 2P
500 RZ/ 1
124203 ADELS-124203 Datasheet
118Kb / 2P
500 RZ/ 3
logo
Renesas Technology Corp
RZ_G2UL RENESAS-RZ_G2UL Datasheet
3Mb / 83P
RZ/G2UL, RZ/A3UL, RZ/Five SMARC Module Board
Rev.1.01 Jul, 2022
GR-MANGO RENESAS-GR-MANGO Datasheet
1Mb / 32P
GR-MANGO is the Gadget Renesas board for the Renesas RZ familys RZ/A2M group of microprocessors (MPU) products
R9A07G044L28GBG RENESAS-R9A07G044L28GBG Datasheet
531Kb / 22P
Renesas Microprocessor RZ Family / RZ/G Series
Rev.1.10 Aug. 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com