Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 6 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 2Page - Renesas Technology Corp RZ/T1 Datasheet HTML 3Page - Renesas Technology Corp RZ/T1 Datasheet HTML 4Page - Renesas Technology Corp RZ/T1 Datasheet HTML 5Page - Renesas Technology Corp RZ/T1 Datasheet HTML 6Page - Renesas Technology Corp RZ/T1 Datasheet HTML 7Page - Renesas Technology Corp RZ/T1 Datasheet HTML 8Page - Renesas Technology Corp RZ/T1 Datasheet HTML 9Page - Renesas Technology Corp RZ/T1 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 6 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
Communication
function
Ethernet MAC
(ETHERC)
 1 port (Use of two ports is possible with the Ethernet switch function)
 IEEE802.3 is supported
 10BASE and 100BASE are supported
 Full duplex and half duplex are supported
 Automatic pause packet transmission function
 Auto broadcast suspension function by the pause packet reception
 MII/RMII interface is supported
Ethernet switch
 2-port PHY interfaces
 IEEE802.3
 10BASE and 100BASE are supported
 Full and half duplex
 Hardware switching, lookup, and filtering
 QoS with frame prioritization
 Priority control based on VLAN Priority (IEEE802.1q), which enables priority
reassignment
 Classification and priority assignment based on IPv4 DiffServ Code Point Field, IPv6
Class of Service
 Queue with four priority levels
 Multicasting and broadcasting
 VLAN frame
 IEEE1588 timer module
 Cut-through and hub features
 Device level ring (DLR)
EtherCAT Slave
Controller (ECATC)*2
 1 channel (2 ports)*3
 EtherCAT Slave Controller IP core (made by Beckhoff Automation GmbH) implemented
USB 2.0 HS host/
function module
 1 port
 Compliance with the USB 2.0 specification
 Transfer rate
High speed (480 Mbps), full speed (12 Mbps)
 Communications buffer
Incorporates 1 Kbyte of RAM for host mode
Incorporates 8 Kbytes of RAM for function mode
Serial communication
interface with FIFO
(SCIFA)
 5 channels
 Serial communications modes: Asynchronous, clock synchronous
 On-chip baud rate generator allows selection of the desired bit rate
 Choice of LSB-first or MSB-first transfer
 Both the transmission and reception sections are equipped with 16-byte FIFO buffers,
allowing continuous transmission and reception.
 Bit rate modulation
I2C bus interface (RIICa)
 2 channels
 Supports I2C bus format
 Supports the multi-master
 Max. transfer rate: 400 kbps
 Event linking by the ELC
CAN module (RSCAN)
 2 channels
 Compliance with the ISO11898-1 specification (standard frame and extended frame)
 Message buffers
Max. 64 × 2 channels of reception message buffers, which are used by all channels
16 transmission message buffers per channel
 Max. transfer rate: 1 Mbps
Table 1.1
Outline of Specifications (5 / 7)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com