Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 7 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 3Page - Renesas Technology Corp RZ/T1 Datasheet HTML 4Page - Renesas Technology Corp RZ/T1 Datasheet HTML 5Page - Renesas Technology Corp RZ/T1 Datasheet HTML 6Page - Renesas Technology Corp RZ/T1 Datasheet HTML 7Page - Renesas Technology Corp RZ/T1 Datasheet HTML 8Page - Renesas Technology Corp RZ/T1 Datasheet HTML 9Page - Renesas Technology Corp RZ/T1 Datasheet HTML 10Page - Renesas Technology Corp RZ/T1 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 7 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
Communication
function
Serial peripheral
interface (RSPIa)
 4 channels
 RSPI transfer facility
Using the MOSI (master out slave in), MISO (master in slave out), SSL (slave select),
and RSPCK (RSPI clock) signals enables serial transfer through SPI operation (four
lines) or clock-synchronous operation (three lines)
Capable of handling serial transfer as a master or slave
 Data formats
Switching between MSB first and LSB first
The number of bits in each transfer can be changed to any number of bits from 8 to 16,
or 20, 24, or 32 bits.
128-bit buffers for transmission and reception
Up to four frames can be transmitted or received in a single transfer operation (with
each frame having up to 32 bits)
 Buffered structure
Double buffers for both transmission and reception
 RSPCK can be stopped automatically with the reception buffer full for master reception
 Event linking by the ELC
SPI multi I/O bus
controller (SPIBSC)
 1 channel
 One serial flash memory with multiple I/O bus sizes (single/dual/quad) can be
connected.
 External address space read mode (built-in read cache)
 SPI operating mode
 Clock polarity and clock phase can be selected.
 Maximum transfer rate: 300 Mbps (for quad)
Serial sound interface (SSI)
 1 channel
 Duplex communication
 Support of various serial audio formats
 Support of master and slave functions
 Generation of serial bit clock
 Support of 8, 16, 18, 20, 22, 24, and 32-bit data formats
 Support of eight-stage FIFO for transmission and reception
 Support of WS continue mode in which the SSIWS signal is not stopped.
ΔΣ interface (DSMIF)
 4 channels (unit 0: 3 channels, unit 1: 1 channel)
 Up to 4 ΔΣ modulators are externally connectable
 Sync filter can be selected as first, second, or third order
12-bit A/D converter (S12ADCa)
 12 bits × 2 units (unit 0: 8 channels, unit 1: 16 channels)*1
 12-bit resolution
 Conversion time
Unit 0: 0.483 µs per channel
Unit 1: 0.883 µs per channel
 Operating mode
Scan mode (single scan mode, continuous scan mode, or group scan mode)
Group A priority control (only for group scan mode)
 Sample-and-hold function
Common sample-and-hold circuit included
In addition, channel-dedicated sample-and-hold function (4 channels: in unit 0 only)
included
 Sampling variable
Sampling time can be set up for each channel
 Self-diagnostic function
The self-diagnostic function internally generates three analog input voltages
(unit 0: VREFL0, VREFH0 × 1/2, VREFH0; unit 1: VREFL1, VREFH1 × 1/2, VREFH1)
 Double trigger mode (A/D conversion data duplicated)
 Detection of analog input disconnection
 Three ways to start A/D conversion
Software trigger, timer (MTU3a, GPTa, TPUa) trigger, external trigger
 Event linking by the ELC
Temperature sensor
 1 channel
 Relative precision: ±1°C
 The voltage of the temperature is converted into a digital value by the 12-bit A/D
converter (unit 0).
Table 1.1
Outline of Specifications (6 / 7)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com