Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 2 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 2 Page - Renesas Technology Corp

  RZ/T1 Datasheet HTML 1Page - Renesas Technology Corp RZ/T1 Datasheet HTML 2Page - Renesas Technology Corp RZ/T1 Datasheet HTML 3Page - Renesas Technology Corp RZ/T1 Datasheet HTML 4Page - Renesas Technology Corp RZ/T1 Datasheet HTML 5Page - Renesas Technology Corp RZ/T1 Datasheet HTML 6Page - Renesas Technology Corp RZ/T1 Datasheet HTML 7Page - Renesas Technology Corp RZ/T1 Datasheet HTML 8Page - Renesas Technology Corp RZ/T1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 2 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
1.
Overview
1.1
Outline of Specifications
This LSI circuit is a high-performance MCU equipped with the Arm® Cortex®-R4 processor with FPU and Cortex-M3
processor (for products incorporating an R-IN engine), and incorporating integrated peripheral functions necessary for
system configuration. Table 1.1 lists the specifications in outline, and Table 1.2 gives a comparison of the functions of
products in different packages.
Table 1.1 shows the outline of maximum specifications, and the number of peripheral module channels differs
depending on the pin number on the package. For details, see Table 1.2, List of Functions.
Table 1.1
Outline of Specifications (1 / 7)
Classification
Module/Function
Description
CPU
Central processing unit
(Cortex-R4)
 Maximum operating frequency
320-pin FBGA: 300 MHz/450 MHz/600 MHz
176-pin HLFQFP: 450 MHz
 32-bit CPU Cortex-R4 designed by Arm (core revision r1p4)
 Address space: 4 Gbytes
 Instruction cache: 8 Kbytes (with ECC)
 Data cache: 8 Kbytes (with ECC)
 Tightly coupled memory (TCM)
ATCM: 512 Kbytes (with ECC)
BTCM: 32 Kbytes (with ECC)
 Instruction set: Arm v7-R architecture, so support includes Thumb® and Thumb-2
 Data arrangement
Instructions: Little endian
Data: Little endian
 Memory protection unit (MPU)
Central processing unit
(Cortex-M3)
(for products
incorporating an R-IN
engine)
 Operating frequency: 150 MHz
 32-bit CPU Cortex-M3 designed by Arm (core revision r2p1)
 Address space: 4 Gbytes
 Instruction set: Arm v7-M architecture, so support includes Thumb® and Thumb-2
 Data arrangement
Instructions: Little endian
Data: Little endian
 Memory protection unit (MPU)
FPU
(Cortex-R4)
 Supports addition, subtraction, multiplication, division, multiply-and-accumulate, and
square-root operations at single- and double-precision.
 Registers
32-bit single-word registers: 32 bits × 32
(can be used as 16 double-word registers: 64 bits × 16)
Memory
On-chip extended
SRAM with ECC
 Capacity: Up to 1 Mbyte
 Operating frequency: 150 MHz
 SEC-DED (single error correction/double error detection)
Operating modes
 The operating mode can be selected from the following three boot modes
SPI boot mode (for booting up from serial flash memory)
16-bit bus boot mode (NOR Flash)
32-bit bus boot mode (NOR Flash)
Clock
Clock generation circuit
 The input clock can be selected from an external clock or external resonator.
 Detection of input clock oscillation stopping
 The following clocks are generated.
CPU clock: 300/450/600 MHz (max.)
System clock: 150 MHz (fixed)
High-speed peripheral module clock: 150 MHz (fixed)
Low-speed peripheral module clock: 75 MHz (fixed)
ADCCLK in the 12-bit A/D converter (S12ADCa): 60 MHz (max.)
External bus clock: 75 MHz (max.)
Low-speed on-chip oscillator: 240 kHz (fixed)
Reset
RES# pin reset, error control module (ECM) reset, software reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com