Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 5 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 5 Page - Renesas Technology Corp

  RZ/T1 Datasheet HTML 1Page - Renesas Technology Corp RZ/T1 Datasheet HTML 2Page - Renesas Technology Corp RZ/T1 Datasheet HTML 3Page - Renesas Technology Corp RZ/T1 Datasheet HTML 4Page - Renesas Technology Corp RZ/T1 Datasheet HTML 5Page - Renesas Technology Corp RZ/T1 Datasheet HTML 6Page - Renesas Technology Corp RZ/T1 Datasheet HTML 7Page - Renesas Technology Corp RZ/T1 Datasheet HTML 8Page - Renesas Technology Corp RZ/T1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 5 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
Timers
General PWM timer
(GPTa)
 16 bits × 4 channels
 Counting up or down (saw-wave), counting up and down (triangle-wave) selectable for
all channels
 Select from among four counter-input clock signals for each channel
(with maximum operating frequency of 150 MHz)
 2 input/output pins per channel
 2 output compare/input capture registers per channel
 For the 2 output compare/input capture registers of each channel, 4 registers are
provided as buffer registers and are capable of operating as compare registers when
buffering is not in use.
 In output compare operation, buffer switching can be at crests or troughs, enabling the
generation of laterally asymmetrically PWM waveforms.
 Registers for setting up frame intervals on each channel (with capability for generating
interrupts on overflow or underflow)
 Synchronizable operation of the several counters
 Modes of synchronized operation (synchronized, or displaced by desired times for
phase shifting)
 Generation of dead times in PWM operation
 Through combination of three counters, generation of automatic three-phase PWM
waveforms incorporating dead times
 Starting, clearing, and stopping counters in response to external or internal triggers
 Internal trigger sources: software, and compare-match
 Generation of triggers for A/D converter conversion
 Digital noise filter function for signals on the input capture and external trigger pins
 Event linking by the ELC
Programmable pulse
generator (PPG)
 (4 bits × 4 groups) × 2 units*1
 Pulse output with the MTU3a or TPUa output as a trigger
 Maximum of 32 pulse-output possible
Compare match timer
(CMT)
 (16 bits × 2 channels) × 3 units
 Select from among four counter-input clock signals for each channel (with maximum
operating frequency of 75 MHz)
 Event linking by the ELC (channel 1 of unit 0 only)
Compare match timer W
(CMTW)
 (32 bits × 1 channel) × 2 units
 Compare-match, input-capture input, and output-comparison output are available.
 Select from among four counter-input clock signals for each channel (with maximum
operating frequency of 75 MHz)
 Interrupt requests can be output in response to compare-match, input-capture, and
output-comparison events.
 Digital noise filter function for signals on the input capture pins
 Event linking by the ELC
Watchdog timer (WDTA)
 14 bits × 1 channel
Products incorporating an R-IN engine: 14 bits × 2 channels
 Select from among six counter-input clock signals for each channel (with maximum
operating frequency of 75 MHz)
Independent watchdog
timer (IWDTa)
 14 bits × 1 channel
 Counter-input clock: Low-speed on-chip oscillator (LOCO)/2
Dedicated clock/1, dedicated clock/16, dedicated clock/32, dedicated clock/64,
dedicated clock/128, dedicated clock/256 (with maximum operating frequency of 120
kHz)
Port output enable 3
(POE3)
 Control of the high-impedance state of the MTU3a / GPTa's waveform output pins
 Initiation by inputs on 4 pins, POE0#, POE4#, POE8#, and POE10#
 Initiation on detection of short-circuited outputs (detection of simultaneous PWM output
to the active level)
 Initiation by input clock oscillation-stoppage detection, PLL oscillation abnormality
detection, or software
 Additional programming of output control target pins is enabled
Table 1.1
Outline of Specifications (4 / 7)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com