Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 9 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 5Page - Renesas Technology Corp RZ/T1 Datasheet HTML 6Page - Renesas Technology Corp RZ/T1 Datasheet HTML 7Page - Renesas Technology Corp RZ/T1 Datasheet HTML 8Page - Renesas Technology Corp RZ/T1 Datasheet HTML 9Page - Renesas Technology Corp RZ/T1 Datasheet HTML 10Page - Renesas Technology Corp RZ/T1 Datasheet HTML 11Page - Renesas Technology Corp RZ/T1 Datasheet HTML 12Page - Renesas Technology Corp RZ/T1 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 9 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
Note 1. Combining the Ethernet controller and the EtherCAT slave controller (optional) makes a total of three ports. The Ethernet
controller can support two ports with the use of the Ethernet switch.
Note 2. See Table 1.3, List of Products for the products that have the secure boot mode. Details of these optional functions will only be
disclosed after completion of a binding non-disclosure agreement. For details, contact our sales representative.
Note 3. For details, contact our sales representative.
Table 1.2
Comparison of Functions for Different Packages
Module/Function
RZ/T1 Group
320 Pins
176 Pins
R-IN Engine
Incorporated
R-IN Engine
Not-
Incorporated
External bus
External bus width
32 bits
Interrupt
External interrupt
NMI, IRQ0 to IRQ15, ETH0_INT,
ETH1_INT, ETH2_INT
NMI, IRQ0 to
IRQ15,
ETH0_INT,
ETH1_INT
DMA
DMA controller (DMAC)
ch0 to ch31
Timers
16-bit timer pulse unit (TPUa)
ch0 to ch11
(Unit 0, Unit 1)
ch0 to ch5
(Unit 0)
Multi-function timer pulse unit 3 (MTU3a)
ch0 to ch8
General-purpose PWM timer (GPTa)
ch0 to ch3
Port output enable 3 (POE3)
Available
Programmable pulse generator (PPG)
Unit 0, Unit 1
Unit 0
Compare match timer (CMT)
ch0 to ch5
Compare match timer W (CMTW)
ch0, ch1
Watchdog timer (WDTA)
ch0, ch1
ch0
Independent watchdog timer (IWDTa)
Available
Communication
function
Ethernet controller (ETHERC)
1 port*1
EtherCAT slave controller (ECATC)
2 ports*1
2 ports*1
(optional)
Not supported
USB 2.0 HS host/function module (USB)
ch0
Serial communications interface with FIFO (SCIFA)
ch0 to ch4
I2C bus interface (RIICa)
ch0, ch1
Serial peripheral interface (RSPIa)
ch0 to ch3
CAN module (RSCAN)
ch0, ch1
SPI multi I/O bus controller (SPIBSC)
ch0
Serial sound interface (SSI)
ch0
ΔΣ interface (DSMIF)
ch0 to ch3
12-bit A/D converter (S12ADCa)
AN000 to AN007
(unit 0)
AN100 to AN115
(unit 1)
AN000 to
AN007
(unit 0)
Temperature sensor
Available
CRC calculator (CRC)
Available
Data operation circuit (DOC)
Available
Clock monitor circuit (CLMA)
Available
Secure boot mode*2
Optional
Event link controller (ELC)
Available
Encoder interfaces*3
Optional
Not supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com