Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 8 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button RZ/T1 Datasheet HTML 4Page - Renesas Technology Corp RZ/T1 Datasheet HTML 5Page - Renesas Technology Corp RZ/T1 Datasheet HTML 6Page - Renesas Technology Corp RZ/T1 Datasheet HTML 7Page - Renesas Technology Corp RZ/T1 Datasheet HTML 8Page - Renesas Technology Corp RZ/T1 Datasheet HTML 9Page - Renesas Technology Corp RZ/T1 Datasheet HTML 10Page - Renesas Technology Corp RZ/T1 Datasheet HTML 11Page - Renesas Technology Corp RZ/T1 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 8 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
Note 1. One unit for 176-pin devices (only unit 0 is provided)
Note 2. EtherCAT is a registered trademark of Beckhoff Automation GmbH, Germany. (optional)
Note 3. Not included in 176-pin devices.
Note 4. See Table 1.3, List of Products, for the products that have the secure boot mode. Details of these optional functions will only be
disclosed after completion of a binding non-disclosure agreement. For details, contact our sales representative.
Note 5. This applies to the devices with the encoder interfaces. For details, contact our sales representative.
Note 6. For use of two channels, use them in combination of any two protocols among EnDat2.2, BiSS-C, FA-CODER, and A-format.
Safety
Register write protection
function
Protects important registers from being overwritten in cases where a program runs out of
control.
CRC calculator (CRC)
 CRC code generation for arbitrary amounts of data in 8-, 16-, or 32-bit units
 Select any of four generating polynomials:
X32 + X26 + X23 + X22 + X16 + X12 + X11 + X10 + X8 + X7 + X5 + X4 + X2 + X + 1 (32-
Ethernet),
X16 + X12 + X5 + 1 (16-CCITT),
X8 + X4 + X3 + X2 + 1 (8-SAEJ1850),
X8 + X5 + X3 + X2 + X + 1 (8-0x2F)
Input clock oscillation
stop function
Input clock oscillation stop detection: Available
Clock monitor circuit
(CLMA)
Monitors the abnormal output clock frequency from the PLL circuit or low-speed on-chip
oscillator.
Data operation circuit
(DOC)
The function to compare, add, or subtract 16-bit data
Error control module
(ECM)
 Generates an interrupt, internal reset, or error output for the error signal input from each
module.
 Time-out function
 The error control is duplicated in the master and the checker.
Security
Secure boot mode*4
As an option, a boot mode with encryption as a security function is available.
Encoder interfaces*5
 2 channels*6
 EnDat 2.2, BiSS-C, FA-CODER, A-format, and HIPERFACE DSL-compliant interfaces
 Frequency-divided output from an encoder
Power supply voltage
VDD = PLLVDD0 = PLLVDD1 = DVDD_USB = 1.14 to 1.26 V
VCCQ33 = AVCC0 = AVCC1 = VREFH0 = VREFH1 = VDD33_USB = 3.0 to 3.6 V
Operating temperature
Tj = -40 to +125°C
Package
320-pin FBGA: 17 × 17 mm, 0.8-mm pitch PRBG0320GA-A
320-pin FBGA: 17 × 17 mm, 0.8-mm pitch PRBG0320GB-A
320-pin FBGA: 17 × 17 mm, 0.8-mm pitch PLBG0320GB-A
176-pin HLFQFP: 20 × 20 mm, 0.4-mm pitch PLQP0176LD-A
Debugging interface
 CoreSight architecture designed by Arm
 Debugging function by the JTAG/SWD interface, and trace function by the trace port/
SWV interface
Table 1.1
Outline of Specifications (7 / 7)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com