Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

RZ/T1 Datasheet(PDF) 3 Page - Renesas Technology Corp

No. de pieza RZ/T1
Descripción Electrónicos  RZ/T1 Group
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RENESAS [Renesas Technology Corp]
Página de inicio  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/T1 Datasheet(HTML) 3 Page - Renesas Technology Corp

  RZ/T1 Datasheet HTML 1Page - Renesas Technology Corp RZ/T1 Datasheet HTML 2Page - Renesas Technology Corp RZ/T1 Datasheet HTML 3Page - Renesas Technology Corp RZ/T1 Datasheet HTML 4Page - Renesas Technology Corp RZ/T1 Datasheet HTML 5Page - Renesas Technology Corp RZ/T1 Datasheet HTML 6Page - Renesas Technology Corp RZ/T1 Datasheet HTML 7Page - Renesas Technology Corp RZ/T1 Datasheet HTML 8Page - Renesas Technology Corp RZ/T1 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 139 page
background image
R01DS0228EJ0200 Rev.2.00
Page 3 of 139
Jun. 30, 2025
RZ/T1 Group
1. Overview
Low power
Low-power consumption
function
 Standby mode (Cortex-R4)
 Sleep mode (Cortex-M3) (for products incorporating an R-IN engine)
 Module stop function
Interrupt
Cortex-R4
vector interrupt
controller (VIC)
 Peripheral function interrupts: 290 sources / 292 sources (for products incorporating an
R-IN engine)
 External interrupts: 20 sources
(NMI, IRQ0 to IRQ15, ETH0_INT, ETH1_INT, and ETH2_INT pins)
 Software interrupts: 1 source
 Non-maskable interrupts: 2 sources
 Sixteen levels specifiable for the order of priority
Cortex-M3 nested-type
vector interrupt
controller (NVIC)
(only included in
products incorporating
an R-IN engine)
 Peripheral function interrupts: 101 sources
 External interrupts: 19 sources
(IRQ0 to IRQ15, ETH0_INT, ETH1_INT, and ETH2_INT pins)
 Software interrupts: 1 source
 Non-maskable interrupts: 1 source
 Sixteen levels specifiable for the order of priority
External bus
extension
Bus state controller
(BSC)
 The external address space is divided into six areas (CS0 to CS5) for management.
 The following features settable for each area independently.
Bus size (8, 16, or 32 bits): Available sizes depend on the area.
Number of access wait cycles (different wait cycles can be specified for read and write
access cycles in some areas)
Idle wait cycle insertion (between same area access cycles or different area access
cycles)
Specifying the memory to be connected to each area enables direct connection to
SRAM, SRAM with byte selection, SDRAM, and burst ROM (clocked synchronous or
asynchronous). The address/data multiplexed I/O (MPX) interface is also available.
 Outputs a chip select signal (CS0# to CS5#) according to the target area (CS assert or
negate timing can be selected by software)
 SDRAM refresh
Auto refresh or self-refresh mode selectable
 SDRAM burst access
Data transfer
Direct memory access
controller (DMAC)
 2 units (16 channels for unit 0, 16 channels for unit 1)
 Transfer modes: Single transfer mode and block transfer mode
 Transfer size
Unit 0: 1/2/4/16/32/64 bytes
Unit 1: 1/2/4/16 bytes
 Activation sources: External requests (DREQ0 to DREQ2), external interrupts, on-chip
peripheral module requests, and software requests
I/O ports
General-purpose
I/O ports
 320-pin FBGA
I/O pins: 209
Input pins: 9
Pull-up/pull-down resistors: 209
5-V tolerance: 9
 176-pin HLFQFP
I/O pins: 97
Input pins: 5
Pull-up/pull-down resistors: 97
5-V tolerance: 5
Event link controller (ELC)
 Up to 103 event signals can be interlinked with the operation of modules.
 In particular, the operation of timer modules can be started by input event signals.
 Event-linked operation of signals of ports B and E is to be possible.
Multi-function pin controller (MPC)
The locations of input/output functions are selectable from among multiple pins.
Table 1.1
Outline of Specifications (2 / 7)
Classification
Module/Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com