| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8275VR Datasheet(PDF) 29 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8275VR Datasheet(HTML) 29 Page - Motorola, Inc |
|
29 / 76 page ![]() MOTOROLA MPC8280 PowerQUICC II™ Family Hardware Specifications 29 Clock Configuration Modes 1000_100 66.7 88.9 3 200.0 266.6 4.5 300.0 400.0 4 50.0 66.7 1000_101 66.7 88.9 3 200.0 266.6 6 400.0 533.3 4 50.0 66.7 1000_110 66.7 88.9 3 200.0 266.6 6.5 433.3 577.7 4 50.0 66.7 1001_000 66.7 76.2 3.5 233.3 266.6 2.5 166.7 190.5 4 58.3 66.7 1001_001 57.1 76.2 3.5 200.0 266.6 3 171.4 228.5 4 50.0 66.7 1001_010 71.4 76.2 3.5 250.0 266.6 3.5 250.0 266.6 4 62.5 66.7 1001_011 62.5 76.2 3.5 218.8 266.6 4 250.0 304.7 4 54.7 66.7 1001_100 57.1 76.2 3.5 200.0 266.6 4.5 257.1 342.8 4 50.0 66.7 1001_101 85.7 114.3 3.5 300.0 400.0 5 428.6 571.4 6 50.0 66.7 1001_110 85.7 114.3 3.5 300.0 400.0 5.5 471.4 628.5 6 50.0 66.7 1001_111 85.7 114.3 3.5 300.0 400.0 6 514.3 685.6 6 50.0 66.7 1010_000 83.4 100.0 2 166.7 200.0 2 166.7 200.0 3 55.5 66.7 1010_001 75.0 100.0 2 150.0 200.0 2.5 187.5 250.0 3 50.0 66.7 1010_010 75.0 100.0 2 150.0 200.0 3 225.0 300.0 3 50.0 66.7 1010_011 75.0 100.0 2 150.0 200.0 3.5 262.5 350.0 3 50.0 66.7 1010_100 75.0 100.0 2 150.0 200.0 4 300.0 400.0 3 50.0 66.7 1011_000 Reserved 1011_001 80.0 106.7 2.5 200.0 266.6 2.5 200.0 266.6 4 50.0 66.7 1011_010 80.0 106.7 2.5 200.0 266.6 3 240.0 320.0 4 50.0 66.7 1011_011 80.0 106.7 2.5 200.0 266.6 3.5 280.0 373.3 4 50.0 66.7 1011_100 80.0 106.7 2.5 200.0 266.6 4 320.0 426.6 4 50.0 66.7 1011_101 80.0 106.7 2.5 200.0 266.6 4.5 360.0 480.0 4 50.0 66.7 1101_000 100.0 133.3 2.5 250.0 333.3 3 300.0 400.0 5 50.0 66.7 1101_001 100.0 133.3 2.5 250.0 333.3 3.5 350.0 466.6 5 50.0 66.7 1101_010 100.0 133.3 2.5 250.0 333.3 4 400.0 533.3 5 50.0 66.7 1101_011 100.0 133.3 2.5 250.0 333.3 4.5 450.0 599.9 5 50.0 66.7 1101_100 100.0 133.3 2.5 250.0 333.3 5 500.0 666.6 5 50.0 66.7 Table 16. Clock Configurations for PCI Host Mode (PCI_MODCK=0)1,2 (Continued) Mode3 Bus Clock4 (MHz) CPM Multiplication Factor5 CPM Clock (MHz) CPU Multiplication Factor6 CPU Clock (MHz) PCI Division Factor PCI Clock (MHz) MODCK_H- MODCK[1-3] low high low high low high low high |