| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8275VR Datasheet(PDF) 70 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8275VR Datasheet(HTML) 70 Page - Motorola, Inc |
|
70 / 76 page ![]() 70 MPC8280 PowerQUICC II™ Family Hardware Specifications MOTOROLA Pinout PD25/RXD3 FCC1_UT16_TXD6 H242 PD26/RTS2/TENA2 FCC1_UT16_RXD6 F242 PD27/TXD2 FCC1_UT16_RXD7 H222 PD28/RXD2 FCC1_UT16_TXD7 B222 PD29/RTS1/TENA1 FCC1_UTM_RXADDR3/ FCC1_UTS_RXADDR3/ FCC1_UTM_RXCLAV2/ FCC2_UTM_RXADDR4/ FCC2_UTS_RXADDR1 D222 PD30/TXD1 FCC2_UTM_TXENB/ FCC2_UTS_TXENB C212 PD31/RXD1 E192 VCCSYN D19 VCCSYN1 K6 CLKIN2 K21 SPARE43 C14 PCI_MODE4 AD24 SPARE63 B15 No connect5 E17, C23 I/O power E6, F6, H6, L5, L6, P6, T6, U6, V5, Y5, AA6, AA8, AA10, AA11, AA14, AA16, AA17, AB19, AB20, W21, U21, T21, P21, N21, M22, J22, H21, F21, F19, F17, E16, F14, E13, E12, F10, E10, E9 Core Power L3, V4, W3, AC11, AD11, AB15, U25, T24, J24, H25, F23, B19, D17, C17, D10, C10 Ground B186, A187, A2, B1, B2, A5, C5, C18, D4, D6, G2, L4, P1, R1, R4, AC4, AE7, AC23, Y25, N24, J23, A23, D23, D20, E18, A13, A16, K10, K11, K12, K13, K14, K15, K16, K17, L10, L11, L12, L13, L14, L15, L16, L17, M10, M11, M12, M13, M14, M15, M16, M17, N10, N11, N12, N13, N14, N15, N16, N17, P10, P11, P12, P13, P14, P15, P16, P17, R10, R11,R12, R13, R14, R15, R16, R17, T10, T11, T12, T13, T14, T15, T16, T17, U10, U11, U12, U13, U14, U15, U16, U17 Table 22. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List (Continued) Pin Name Ball MPC8275/MPC8270 MPC8275 only |