Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8275VR Datasheet(PDF) 46 Page - Motorola, Inc

No. de pieza MPC8275VR
Descripción Electrónicos  PowerQUICC II Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8275VR Datasheet(HTML) 46 Page - Motorola, Inc

Back Button MPC8275VR Datasheet HTML 42Page - Motorola, Inc MPC8275VR Datasheet HTML 43Page - Motorola, Inc MPC8275VR Datasheet HTML 44Page - Motorola, Inc MPC8275VR Datasheet HTML 45Page - Motorola, Inc MPC8275VR Datasheet HTML 46Page - Motorola, Inc MPC8275VR Datasheet HTML 47Page - Motorola, Inc MPC8275VR Datasheet HTML 48Page - Motorola, Inc MPC8275VR Datasheet HTML 49Page - Motorola, Inc MPC8275VR Datasheet HTML 50Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 76 page
background image
46
MPC8280 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
Pinout
D50
B14
D51
C12
D52
B10
D53
A7
D54
C6
D55
D5
D56
B18
D57
B16
D58
E14
D59
D12
D60
C10
D61
E8
D62
D6
D63
C2
DP0/RSRV/EXT_BR2
B22
IRQ1/DP1/EXT_BG2
A22
IRQ2/DP2/TLBISYNC/EXT_DBG2
E21
IRQ3/DP3/CKSTP_OUT/EXT_BR3
D21
IRQ4/DP4/CORE_SRESET/EXT_BG3
C21
IRQ5/CINT/DP5/TBEN/EXT_DBG3
B21
IRQ6/DP6/CSE0
A21
IRQ7/DP7/CSE1
E20
PSDVAL
V3
TA
C22
TEA
V5
GBL/IRQ1
W1
CI/BADDR29/IRQ2
U2
WT/BADDR30/IRQ3
U3
L2_HIT/IRQ4
Y4
CPU_BG/BADDR31/IRQ5/CINT
U4
CPU_DBG
R2
CPU_BR
Y3
CS0
F25
CS1
C29
Table 20. MPC8280 and MPC8270 (ZU Package) Pinout List (Continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76