Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8275VR Datasheet(PDF) 35 Page - Motorola, Inc

No. de pieza MPC8275VR
Descripción Electrónicos  PowerQUICC II Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8275VR Datasheet(HTML) 35 Page - Motorola, Inc

Back Button MPC8275VR Datasheet HTML 31Page - Motorola, Inc MPC8275VR Datasheet HTML 32Page - Motorola, Inc MPC8275VR Datasheet HTML 33Page - Motorola, Inc MPC8275VR Datasheet HTML 34Page - Motorola, Inc MPC8275VR Datasheet HTML 35Page - Motorola, Inc MPC8275VR Datasheet HTML 36Page - Motorola, Inc MPC8275VR Datasheet HTML 37Page - Motorola, Inc MPC8275VR Datasheet HTML 38Page - Motorola, Inc MPC8275VR Datasheet HTML 39Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 76 page
background image
MOTOROLA
MPC8280 PowerQUICC II™ Family Hardware Specifications
35
Clock Configuration Modes
0001_010
Reserved
0001_011
Reserved
0001_100
66.7
66.7
2
133.3 133.3
8
266.6 266.6
4
33.3
33.3
0010_001
50.0
66.7
3
150.0 200.0
3
180.0 240.0
2.5
60.0
80.0
0010_010
59.5
66.7
3
178.6 200.0
3.5
250.0 280.0
2.5
71.4
80.0
0010_011
52.1
66.7
3
156.3 200.0
4
250.0 320.0
2.5
62.5
80.0
0010_100
50.0
66.7
3
150.0 200.0
4.5
270.0 360.0
2.5
60.0
80.0
0011_000
Reserved
0011_001
Reserved
0011_010
Reserved
0011_011
Reserved
0011_100
Reserved
0100_000
Reserved
0100_001
50.0
66.7
3
166.7 200.0
3
166.7 200.0
3
66.7
66.7
0100_010
Reserved
0100_011
62.5
66.7
3
187.5 200.0
4
250.0 266.6
3
62.5
66.7
0100_100
55.6
66.7
3
166.7 200.0
4.5
250.0 300.0
3
55.6
66.7
0101_000
50.0
66.7
5
250.0 333.3
2.5
250.0 333.3
2.5
100.0 133.3
0101_001
50.0
66.7
5
250.0 333.3
3
300.0 400.0
2.5
100.0 133.3
0101_010
50.0
66.7
5
250.0 333.3
3.5
350.0 466.6
2.5
100.0 133.3
0101_011
50.0
66.7
5
250.0 333.3
4
400.0 533.3
2.5
100.0 133.3
0101_100
50.0
66.7
5
250.0 333.3
4.5
450.0 599.9
2.5
100.0 133.3
0101_101
50.0
66.7
5
250.0 333.3
5
500.0 666.6
2.5
100.0 133.3
0101_110
50.0
66.7
5
250.0 333.3
5.5
550.0 733.3
2.5
100.0 133.3
0110_000
Reserved
0110_001
50.0
66.7
4
200.0 266.6
3
200.0 266.6
3
66.7
88.9
0110_010
53.6
66.7
4
214.3 266.6
3.5
250.0 311.1
3
71.4
88.9
0110_011
50.0
66.7
4
200.0 266.6
4
266.7 355.5
3
66.7
88.9
Table 18. Clock Configurations for PCI Agent Mode (PCI_MODCK=0)1,2 (Continued)
Mode3
PCI Clock
(MHz)
CPM
Multiplication
Factor4
CPM Clock
(MHz)
CPU
Multiplication
Factor5
CPU Clock
(MHz)
Bus
Division
Factor
Bus Clock
(MHz)
MODCK_H-
MODCK[1-3]
low
high
low
high
low
high
low
high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76