| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8275VR Datasheet(PDF) 36 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8275VR Datasheet(HTML) 36 Page - Motorola, Inc |
|
36 / 76 page ![]() 36 MPC8280 PowerQUICC II™ Family Hardware Specifications MOTOROLA Clock Configuration Modes 0110_100 50.0 66.7 4 200.0 266.6 4.5 300.0 400.0 3 66.7 88.9 0111_000 55.5 66.7 3 166.7 200.0 2 166.7 200.0 2 83.3 100.0 0111_001 50.0 66.7 3 150.0 200.0 2.5 187.5 250.0 2 75.0 100.0 0111_010 50.0 66.7 3 150.0 200.0 3 225.0 300.0 2 75.0 100.0 0111_011 50.0 66.7 3 150.0 200.0 3.5 262.5 350.0 2 75.0 100.0 1000_000 Reserved 1000_001 66.7 66.7 3 200.0 200.0 2.5 166.7 166.7 2.5 80.0 80.0 1000_010 50.0 66.7 3 150.0 200.0 3 180.0 240.0 2.5 60.0 80.0 1000_011 59.5 66.7 3 178.6 200.0 3.5 250.0 280.0 2.5 71.4 80.0 1000_100 52.1 66.7 3 156.3 200.0 4 250.0 320.0 2.5 62.5 80.0 1000_101 50.0 66.7 3 150.0 200.0 4.5 270.0 360.0 2.5 60.0 80.0 1001_000 Reserved 1001_001 Reserved 1001_010 Reserved 1001_011 62.5 66.7 4 250.0 266.6 4 250.0 266.6 4 62.5 66.7 1001_100 55.6 66.7 4 222.2 266.6 4.5 250.0 300.0 4 55.6 66.7 1010_000 Reserved 1010_001 50.0 66.7 4 200.0 266.6 3 200.0 266.6 3 66.7 88.9 1010_010 53.6 66.7 4 214.3 266.6 3.5 250.0 311.1 3 71.4 88.9 1010_011 50.0 66.7 4 200.0 266.6 4 266.7 355.5 3 66.7 88.9 1010_100 50.0 66.7 4 200.0 266.6 4.5 300.0 400.0 3 66.7 88.9 1011_000 Reserved 1011_001 50.0 66.7 4 200.0 266.6 2.5 200.0 266.6 2.5 80.0 106.7 1011_010 50.0 66.7 4 200.0 266.6 3 240.0 320.0 2.5 80.0 106.7 1011_011 50.0 66.7 4 200.0 266.6 3.5 280.0 373.3 2.5 80.0 106.7 1011_100 50.0 66.7 4 200.0 266.6 4 320.0 426.6 2.5 80.0 106.7 1100_101 50.0 66.7 6 300.0 400.0 4 400.0 533.3 3 100.0 133.3 Table 18. Clock Configurations for PCI Agent Mode (PCI_MODCK=0)1,2 (Continued) Mode3 PCI Clock (MHz) CPM Multiplication Factor4 CPM Clock (MHz) CPU Multiplication Factor5 CPU Clock (MHz) Bus Division Factor Bus Clock (MHz) MODCK_H- MODCK[1-3] low high low high low high low high |