Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8275VR Datasheet(PDF) 31 Page - Motorola, Inc

No. de pieza MPC8275VR
Descripción Electrónicos  PowerQUICC II Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8275VR Datasheet(HTML) 31 Page - Motorola, Inc

Back Button MPC8275VR Datasheet HTML 27Page - Motorola, Inc MPC8275VR Datasheet HTML 28Page - Motorola, Inc MPC8275VR Datasheet HTML 29Page - Motorola, Inc MPC8275VR Datasheet HTML 30Page - Motorola, Inc MPC8275VR Datasheet HTML 31Page - Motorola, Inc MPC8275VR Datasheet HTML 32Page - Motorola, Inc MPC8275VR Datasheet HTML 33Page - Motorola, Inc MPC8275VR Datasheet HTML 34Page - Motorola, Inc MPC8275VR Datasheet HTML 35Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
MOTOROLA
MPC8280 PowerQUICC II™ Family Hardware Specifications
31
Clock Configuration Modes
0000_101
55.5
100.0
3
166.7 300.0
3
166.7 300.0
6
27.8 50.0
0000_110
71.4
100.0
3
214.3 300.0
3.5
250.0 350.0
6
35.7 50.0
0000_111
62.5
100.0
3
187.5 300.0
4
250.0 400.0
6
31.3 50.0
Full Configuration Modes
0001_000
50.0
100.0
3
150.0 300.0
5
250.0 500.0
6
25.0 50.0
0001_001
50.0
100.0
3
150.0 300.0
6
300.0 600.0
6
25.0 50.0
0001_010
50.0
100.0
3
150.0 300.0
7
350.0 700.0
6
25.0 50.0
0001_011
50.0
100.0
3
150.0 300.0
8
400.0 800.0
6
25.0 50.0
0010_000
50.0
100.0
4
200.0 400.0
5
250.0 500.0
8
25.0 50.0
0010_001
50.0
100.0
4
200.0 400.0
6
300.0 600.0
8
25.0 50.0
0010_010
50.0
100.0
4
200.0 400.0
7
350.0 700.0
8
25.0 50.0
0010_011
50.0
100.0
4
200.0 400.0
8
400.0 800.0
8
25.0 50.0
0010_100
50.0
75.0
4
200.0 300.0
5
250.0 375.0
6
33.3 50.0
0010_101
45.5
75.0
4
181.8 300.0
5.5
250.0 412.5
6
30.3 50.0
0010_110
41.7
75.0
4
166.7 300.0
6
250.0 450.0
6
27.8 50.0
0011_000
50.0
50.0
5
250.0 250.0
5
250.0 250.0
5
50.0 50.0
0011_001
41.7
50.0
5
208.3 250.0
6
250.0 300.0
5
41.7 50.0
0011_010
35.7
50.0
5
178.6 250.0
7
250.0 350.0
5
35.7 50.0
0011_011
31.3
50.0
5
156.3 250.0
8
250.0 400.0
5
31.3 50.0
0100_000
Reserved
0100_001
41.7
50.0
6
250.0 300.0
6
250.0 300.0
6
41.7 50.0
0100_010
35.7
50.0
6
214.3 300.0
7
250.0 350.0
6
35.7 50.0
0100_011
31.3
50.0
6
187.5 300.0
8
250.0 400.0
6
31.3 50.0
0101_000
66.7
100.0
2
133.3 200.0
2.5
166.7 250.0
4
33.3 50.0
0101_001
66.7
100.0
2
133.3 200.0
3
200.0 300.0
4
33.3 50.0
0101_010
71.4
100.0
2
142.9 200.0
3.5
250.0 350.0
4
35.7 50.0
0101_011
66.7
100.0
2
133.3 200.0
4
266.7 400.0
4
33.3 50.0
0101_100
66.7
100.0
2
133.3 200.0
4.5
300.0 450.0
4
33.3 50.0
Table 17. Clock Configurations for PCI Host Mode (PCI_MODCK=1)1,2 (Continued)
Mode3
Bus Clock4
(MHz)
CPM
Multiplication
Factor5
CPM Clock
(MHz)
CPU
Multiplication
Factor6
CPU Clock
(MHz)
PCI
Division
Factor
PCI Clock
(MHz)
MODCK_H-
MODCK[1-3]
low
high
low
high
low
high
low high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76