| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
MPC8275VR Datasheet(PDF) 58 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8275VR Datasheet(HTML) 58 Page - Motorola, Inc |
|
58 / 76 page ![]() 58 MPC8280 PowerQUICC II™ Family Hardware Specifications MOTOROLA Pinout NOTE: Temperature Reflow for the VR Package In the VR package, sphere composition is lead-free (refer to Table 2). This requires higher temperature reflow than what is required for other PowerQUICC II packages. Users should consult “Motorola PowerQUICC II™ Pb-Free Packaging Information” (MPC8250PBFREEPKG) available at www.motorola.com/semiconductors. Table 22 shows the pinout list of the MPC8275 and MPC8270. Table 21 defines conventions and acronyms used in Table 22. Table 22. MPC8275 and MPC8270 (VR and ZQ Packages) Pinout List Pin Name Ball MPC8275/MPC8270 MPC8275 only BR C16 BG D2 ABB/IRQ2 C1 TS D1 A0 D5 A1 E8 A2 C4 A3 B4 A4 A4 A5 D7 A6 D8 A7 C6 A8 B5 A9 B6 A10 C7 A11 C8 A12 A6 A13 D9 A14 F11 A15 B7 A16 B8 A17 C9 A18 A7 A19 B9 A20 E11 A21 A8 |