Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8275VR Datasheet(PDF) 44 Page - Motorola, Inc

No. de pieza MPC8275VR
Descripción Electrónicos  PowerQUICC II Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8275VR Datasheet(HTML) 44 Page - Motorola, Inc

Back Button MPC8275VR Datasheet HTML 40Page - Motorola, Inc MPC8275VR Datasheet HTML 41Page - Motorola, Inc MPC8275VR Datasheet HTML 42Page - Motorola, Inc MPC8275VR Datasheet HTML 43Page - Motorola, Inc MPC8275VR Datasheet HTML 44Page - Motorola, Inc MPC8275VR Datasheet HTML 45Page - Motorola, Inc MPC8275VR Datasheet HTML 46Page - Motorola, Inc MPC8275VR Datasheet HTML 47Page - Motorola, Inc MPC8275VR Datasheet HTML 48Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 76 page
background image
44
MPC8280 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
Pinout
A28
R1
A29
R3
A30
R5
A31
R4
TT0
F1
TT1
G4
TT2
G3
TT3
G2
TT4
F2
TBST
D3
TSIZ0
C1
TSIZ1
E4
TSIZ2
D2
TSIZ3
F5
AACK
F3
ARTRY
E1
DBG
V1
DBB/IRQ3
V2
D0
B20
D1
A18
D2
A16
D3
A13
D4
E12
D5
D9
D6
A6
D7
B5
D8
A20
D9
E17
D10
B15
D11
B13
D12
A11
D13
E9
D14
B7
D15
B4
Table 20. MPC8280 and MPC8270 (ZU Package) Pinout List (Continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76