Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

MPC8275VR Datasheet(PDF) 48 Page - Motorola, Inc

No. de pieza MPC8275VR
Descripción Electrónicos  PowerQUICC II Family Hardware Specifications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MOTOROLA [Motorola, Inc]
Página de inicio  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC8275VR Datasheet(HTML) 48 Page - Motorola, Inc

Back Button MPC8275VR Datasheet HTML 44Page - Motorola, Inc MPC8275VR Datasheet HTML 45Page - Motorola, Inc MPC8275VR Datasheet HTML 46Page - Motorola, Inc MPC8275VR Datasheet HTML 47Page - Motorola, Inc MPC8275VR Datasheet HTML 48Page - Motorola, Inc MPC8275VR Datasheet HTML 49Page - Motorola, Inc MPC8275VR Datasheet HTML 50Page - Motorola, Inc MPC8275VR Datasheet HTML 51Page - Motorola, Inc MPC8275VR Datasheet HTML 52Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 76 page
background image
48
MPC8280 PowerQUICC II™ Family Hardware Specifications
MOTOROLA
Pinout
LOE/LSDRAS/LGPL2/PCI_MODCKH2
E26
LSDCAS/LGPL3/PCI_MODCKH3
D25
LGTA/LUPMWAIT/LGPL4/LPBS
C26
LGPL5/LSDAMUX/PCI_MODCK
B27
LWR
D28
L_A14/PAR
N27
L_A15/FRAME/SMI
T29
L_A16/TRDY
R27
L_A17/IRDY/CKSTP_OUT
R26
L_A18/STOP
R29
L_A19/DEVSEL
R28
L_A20/IDSEL
W29
L_A21/PERR
P28
L_A22/SERR
N26
L_A23/REQ0
AA27
L_A24/REQ1/HSEJSW
P29
L_A25/GNT0
AA26
L_A26/GNT1/HSLED
N25
L_A27/GNT2/HSENUM
AA25
L_A28/RST/CORE_SRESET
AB29
L_A29/INTA
AB28
L_A30/REQ2
P25
L_A31/DLLOUT
AB27
LCL_D0/AD0
H29
LCL_D1/AD1
J29
LCL_D2/AD2
J28
LCL_D3/AD3
J27
LCL_D4/AD4
J26
LCL_D5/AD5
J25
LCL_D6/AD6
K25
LCL_D7/AD7
L29
LCL_D8/AD8
L27
LCL_D9/AD9
L26
LCL_D10/AD10
L25
Table 20. MPC8280 and MPC8270 (ZU Package) Pinout List (Continued)
Pin Name
Ball
MPC8280/MPC8270
MPC8280 only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76