Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

AMD-766AC Datasheet(PDF) 5 Page - Advanced Micro Devices

No. de pieza AMD-766AC
Descripción Electrónicos  Peripheral Bus Controller
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AMD-766AC Datasheet(HTML) 5 Page - Advanced Micro Devices

  AMD-766AC Datasheet HTML 1Page - Advanced Micro Devices AMD-766AC Datasheet HTML 2Page - Advanced Micro Devices AMD-766AC Datasheet HTML 3Page - Advanced Micro Devices AMD-766AC Datasheet HTML 4Page - Advanced Micro Devices AMD-766AC Datasheet HTML 5Page - Advanced Micro Devices AMD-766AC Datasheet HTML 6Page - Advanced Micro Devices AMD-766AC Datasheet HTML 7Page - Advanced Micro Devices AMD-766AC Datasheet HTML 8Page - Advanced Micro Devices AMD-766AC Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 96 page
background image
Preliminary Information
23167B – March 2001
AMD-766
TM Peripheral Bus Controller Data Sheet
5
1
Overview
The AMD-766 peripheral bus controller
TM is an integrated circuit (IC), developed by AMD, to be the system
Southbridge component of personal computer chipsets. The AMD-766 peripheral bus controller (the IC) connects to
a host memory controller through the PCI bus.
1.1
Features
PCI interface (PCI specification revision 2.2
compliant).
LPC bus to connect peripherals such as super
IO and BIOS.
Partial ISA bus.
8 bits wide.
Support for Flash BIOS.
Enhanced IDE controller.
Support for two dual-drive ports.
PIO modes 0-4.
Multi-word DMA.
UDMA modes up to ATA-100.
OHCI-based USB host controller with support
for four ports.
Serial IRQ protocol.
ACPI-compliant power management logic.
Programmable C2, C3, power-on-
suspend, suspend to RAM, suspend to
disk, and soft off states.
Throttling.
Hardware traps.
System inactivity timer.
32 general-purpose IO (GPIO) pins (some are
multiplexed with other hard-wired functions).
Privacy/security logic (ROM access control).
Legacy logic.
Programmable interrupt controller.
Programmable interval timer.
DMA controller (for LPC bus).
Legacy ports.
IOAPIC controller.
Real-time clock.
256 bytes of CMOS RAM.
Battery-powered.
ACPI-compliant extensions.
SMBus controller with one SMBus port.
272-pin BGA package.
3.3-volt core and output drivers; 5-volt
tolerant input buffers.
The IC is intended to fit into the traditional Southbridge position on PC-compatible platforms.
Peripheral
Bus
Controller
System
Memory
Memory
Controller
PCI bus
IDE ports
USB ports
LPC bus
Super I/O
BIOS
ROM
ISA bus
Host



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com