Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Mexican  ▼
ALLDATASHEET.COM.MX

X  

P912XDP512F0MPVR Datasheet(PDF) 474 Page - Freescale Semiconductor, Inc

No. de pieza P912XDP512F0MPVR
Descripción Electrónicos  Covers, S12XD, S12XB & S12XA Families
PDF  1350 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  FREESCALE [Freescale Semiconductor, Inc]
Página de inicio  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

P912XDP512F0MPVR Datasheet(HTML) 474 Page - Freescale Semiconductor, Inc

Back Button P912XDP512F0MPVR Datasheet HTML 470Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 471Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 472Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 473Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 474Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 475Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 476Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 477Page - Freescale Semiconductor, Inc P912XDP512F0MPVR Datasheet HTML 478Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 474 / 1350 page
background image
Chapter 10 Freescale’s Scalable Controller Area Network (S12MSCANV3)
MC9S12XDP512 Data Sheet, Rev. 2.17
474
Freescale Semiconductor
(CANTFLG).” Interrupts are pending as long as one of the corresponding flags is set. The flags in
CANRFLG and CANTFLG must be reset within the interrupt handler to handshake the interrupt. The flags
are reset by writing a 1 to the corresponding bit position. A flag cannot be cleared if the respective
condition prevails.
NOTE
It must be guaranteed that the CPU clears only the bit causing the current
interrupt. For this reason, bit manipulation instructions (BSET) must not be
used to clear interrupt flags. These instructions may cause accidental
clearing of interrupt flags which are set after entering the current interrupt
service routine.
10.4.7.7
Recovery from Stop or Wait
The MSCAN can recover from stop or wait via the wake-up interrupt. This interrupt can only occur if the
MSCAN was in sleep mode (SLPRQ = 1 and SLPAK = 1) before entering power down mode, the wake-up
option is enabled (WUPE = 1), and the wake-up interrupt is enabled (WUPIE = 1).
10.5
Initialization/Application Information
10.5.1
MSCAN initialization
The procedure to initially start up the MSCAN module out of reset is as follows:
1. Assert CANE
2. Write to the configuration registers in initialization mode
3. Clear INITRQ to leave initialization mode and enter normal mode
If the configuration of registers which are writable in initialization mode needs to be changed only when
the MSCAN module is in normal mode:
1. Bring the module into sleep mode by setting SLPRQ and awaiting SLPAK to assert after the CAN
bus becomes idle.
2. Enter initialization mode: assert INITRQ and await INITAK
3. Write to the configuration registers in initialization mode
4. Clear INITRQ to leave initialization mode and continue in normal mode
10.5.2
Bus-Off Recovery
The bus-off recovery is user configurable. The bus-off state can either be left automatically or on user
request.
For reasons of backwards compatibility, the MSCAN defaults to automatic recovery after reset. In this
case, the MSCAN will become error active again after counting 128 occurrences of 11 consecutive
recessive bits on the CAN bus (See the Bosch CAN specification for details).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com